Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM7171 Datasheet HTML 1Page - National Semiconductor (TI) LM7171 Datasheet HTML 2Page - National Semiconductor (TI) LM7171 Datasheet HTML 3Page - National Semiconductor (TI) LM7171 Datasheet HTML 4Page - National Semiconductor (TI) LM7171 Datasheet HTML 5Page - National Semiconductor (TI) LM7171 Datasheet HTML 6Page - National Semiconductor (TI) LM7171 Datasheet HTML 7Page - National Semiconductor (TI) LM7171 Datasheet HTML 8Page - National Semiconductor (TI) LM7171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
±15V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ. Boldface
limits apply at the temperature extremes
Symbol
Parameter
Conditions
Typ
(Note 5)
LM7171AI
LM7171BI
Units
Limit
Limit
(Note 6)
(Note 6)
Output Current
Sourcing, R
L = 100Ω
100
mA
(in Linear Region)
Sinking, R
L = 100Ω
100
I
SC
Output Short Circuit
Sourcing
140
mA
Current
Sinking
135
I
S
Supply Current
6.5
8.5
8.5
mA
9.5
9.5
max
±15V AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = +15V, V− = −15V, V
CM = 0V, and RL = 1kΩ.
Typ
LM7171AI
LM7171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate (Note 9)
A
V = +2, VIN = 13 VPP
4100
V/µs
A
V = +2, VIN = 10 VPP
3100
Unity-Gain Bandwidth
200
MHz
−3 dB Frequency
A
V = +2
220
MHz
φ
m
Phase Margin
50
Deg
t
s
Settling Time (0.1%)A
V = −1, VO = ±5V
42
ns
R
L = 500Ω
t
p
Propagation Delay
A
V = −2, VIN = ±5V,
5
ns
R
L = 500Ω
A
D
Differential Gain (Note 10)
0.01
%
φ
D
Differential Phase (Note 10)
0.02
Deg
Second Harmonic (Note 12)
f
IN = 10 kHz
−110
dBc
f
IN = 5 MHz
−75
dBc
Third Harmonic (Note 12)
f
IN = 10 kHz
−115
dBc
f
IN = 5 MHz
−55
dBc
e
n
Input-Referred
f = 10 kHz
14
Voltage Noise
i
n
Input-Referred
f = 10 kHz
1.5
Current Noise
±5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface lim-
its apply at the temperature extremes
Typ
LM7171AI
LM7171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
V
OS
Input Offset Voltage
0.3
1.5
3.5
mV
47
max
TC V
OS
Input Offset Voltage
35
µV/˚C
Average Drift
I
B
Input Bias Current
3.3
10
10
µA
12
12
max
I
OS
Input Offset Current
0.1
4
4
µA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com