Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM7171 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM7171
Description  Very High Speed, High Output Current, Voltage Feedback Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM7171 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM7171 Datasheet HTML 1Page - National Semiconductor (TI) LM7171 Datasheet HTML 2Page - National Semiconductor (TI) LM7171 Datasheet HTML 3Page - National Semiconductor (TI) LM7171 Datasheet HTML 4Page - National Semiconductor (TI) LM7171 Datasheet HTML 5Page - National Semiconductor (TI) LM7171 Datasheet HTML 6Page - National Semiconductor (TI) LM7171 Datasheet HTML 7Page - National Semiconductor (TI) LM7171 Datasheet HTML 8Page - National Semiconductor (TI) LM7171 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
±5V DC Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ. Boldface lim-
its apply at the temperature extremes
Typ
LM7171AI
LM7171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
66
max
R
IN
Input Resistance
Common Mode
40
M
Ω
Differential Mode
3.3
R
O
Output Resistance
15
Ω
CMRR
Common Mode
V
CM = ±2.5V
104
80
70
dB
Rejection Ratio
75
65
min
PSRR
Power Supply
V
S = ±15V to ±5V
90
85
75
dB
Rejection Ratio
80
70
min
V
CM
Input Common-Mode
CMRR > 60 dB
±3.2
V
Voltage Range
A
V
Large Signal Voltage
R
L = 1kΩ
78
75
70
dB
Gain (Note 7)
70
65
min
R
L = 100Ω
76
72
68
dB
67
63
min
V
O
Output Swing
R
L = 1kΩ
3.4
3.2
3.2
V
33
min
−3.4
−3.2
−3.2
V
−3
−3
max
R
L = 100Ω
3.1
2.9
2.9
V
2.8
2.8
min
−3.0
−2.9
−2.9
V
−2.8
−2.8
max
Output Current
Sourcing, R
L = 100Ω
31
29
29
mA
(Open Loop) (Note 8)
28
28
min
Sinking, R
L = 100Ω
30
29
29
mA
28
28
max
I
SC
Output Short Circuit
Sourcing
135
mA
Current
Sinking
100
I
S
Supply Current
6.2
8
8
mA
99
max
±5V AC Electrical Characteristics
Unless otherwise specified, T
J = 25˚C, V
+ = +5V, V− = −5V, V
CM = 0V, and RL = 1kΩ.
Typ
LM7171AI
LM7171BI
Symbol
Parameter
Conditions
(Note 5)
Limit
Limit
Units
(Note 6)
(Note 6)
SR
Slew Rate (Note 9)
A
V = +2, VIN = 3.5 VPP
950
V/µs
Unity-Gain Bandwidth
125
MHz
−3 dB Frequency
A
V = +2
140
MHz
φ
m
Phase Margin
57
Deg
t
s
Settling Time (0.1%)A
V = −1, VO = ±1V,
56
ns
R
L = 500Ω
t
p
Propagation Delay
A
V = −2, VIN = ±1V,
6
ns
R
L = 500Ω
A
D
Differential Gain (Note 1)
0.02
%
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com