Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KA Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button MB91F465KA Datasheet HTML 45Page - Cypress Semiconductor MB91F465KA Datasheet HTML 46Page - Cypress Semiconductor MB91F465KA Datasheet HTML 47Page - Cypress Semiconductor MB91F465KA Datasheet HTML 48Page - Cypress Semiconductor MB91F465KA Datasheet HTML 49Page - Cypress Semiconductor MB91F465KA Datasheet HTML 50Page - Cypress Semiconductor MB91F465KA Datasheet HTML 51Page - Cypress Semiconductor MB91F465KA Datasheet HTML 52Page - Cypress Semiconductor MB91F465KA Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 49 of 86
86
(Continued)
Address
Register
Block
 0
 1
 2
 3
001000H
DMASA0 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
DMAC
001004H
DMADA0 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001008H
DMASA1 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
00100CH
DMADA1 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001010H
DMASA2 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001014H
DMADA2 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001018H
DMASA3 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
00101CH
DMADA3 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001020H
DMASA4 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001024H
DMADA4 [R/W]
XXXXXXXX XXXXXXXX XXXXXXXX XXXXXXXX
001028H
to
004FFCH
Reserved
Reserved
005000H
to
005FFCH
MB91F465Kx Instruction RAM/Flash Cache size is 4KB
Instruction RAM / Flash Cache
006000H
to
006FFCH
reserved
reserved
007000H
FMCS [R/W]
01101000
FMCR [R]
- - - 00000
FCHCR [R/W]
- - - - - - 00 10000011
Flash Memory/F-Cache/
I-RAM Control Register
007004H
FMWT [R/W]
11111111 11111111
FMWT2 [R]
- 001 - - - -
FMPS [R/W]
- - - - - 000
007008H
FMAC [R]
00000000 00000000 00000000 00000000
00700CH
FCHA0 [R/W]
- - - - - - - - - - - 00000 00000000 00000000
Flash-cache Non-
cacheable area setting Register
007010H
FCHA1 [R/W]
- - - - - - - - - - - 00000 00000000 00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com