Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KA Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB91F465KA Datasheet HTML 1Page - Cypress Semiconductor MB91F465KA Datasheet HTML 2Page - Cypress Semiconductor MB91F465KA Datasheet HTML 3Page - Cypress Semiconductor MB91F465KA Datasheet HTML 4Page - Cypress Semiconductor MB91F465KA Datasheet HTML 5Page - Cypress Semiconductor MB91F465KA Datasheet HTML 6Page - Cypress Semiconductor MB91F465KA Datasheet HTML 7Page - Cypress Semiconductor MB91F465KA Datasheet HTML 8Page - Cypress Semiconductor MB91F465KA Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 2 of 86
86
and switches to a recovery clock (CR oscillator, etc.) when the
oscillations stop.
■ Clock modulator
■ Clock monitor
■ Sub-clock calibration
Corrects the real-time clock timer when operating with the 32
kHz or CR oscillator
■ Main oscillator stabilisation timer
Generates an interrupt in sub-clock mode after the stabilisation
wait time has elapsed on the 23-bit stabilisation wait time
counter
■ Sub-oscillator stabilisation timer
Generates an interrupt in main clock mode after the stabili-
sation wait time has elapsed on the 15-bit stabilisation wait time
counter
Package and technology
■ Package: 120-pin plastic LQFP (LQFP-120)
■ CMOS 0.18 m technology
■ Power supply range 3 V to 5 V (1.8 V internal logic provided by
a step-down voltage converter)
■ Operating temperature range: between  40°C and  105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com