Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KA Datasheet(PDF) 73 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 73 Page - Cypress Semiconductor

Back Button MB91F465KA Datasheet HTML 69Page - Cypress Semiconductor MB91F465KA Datasheet HTML 70Page - Cypress Semiconductor MB91F465KA Datasheet HTML 71Page - Cypress Semiconductor MB91F465KA Datasheet HTML 72Page - Cypress Semiconductor MB91F465KA Datasheet HTML 73Page - Cypress Semiconductor MB91F465KA Datasheet HTML 74Page - Cypress Semiconductor MB91F465KA Datasheet HTML 75Page - Cypress Semiconductor MB91F465KA Datasheet HTML 76Page - Cypress Semiconductor MB91F465KA Datasheet HTML 77Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 73 of 86
86
15.4.1
Definition of A/D Converter Terms
■ Resolution
Analog variation that is recognizable by the A/D converter.
■ Nonlinearity error
Deviation between actual conversion characteristics and a straight line connecting the zero transition point
(00 0000 0000B  00 0000 0001B) and the full scale transition point (11 1111 1110B  11 1111 1111B).
■ Differential nonlinearity error
Deviation of the input voltage from the ideal value that is required to change the output code by 1 LSB.
■ Total error
This error indicates the difference between actual and theoretical values, including the zero transition error, full scale transition
error, and nonlinearity error.
3FFH
3FEH
3FDH
004H
003H
002H
001H
AVSS5
AVRH
0.5 LSB'
{1 LSB’ (N
- 1) + 0.5 LSB’}
1.5 LSB’
Analog input
Total error
Actual conversion
characteristics
VNT
(measurement value)
Ideal characteristics
Actual conversion
characteristics
Total error of digital output N
1 LSB'
VNT  {1 LSB' (N  1)  0.5 LSB'}
N: A/D converter digital output value
VOT' (ideal value)  AVSS5  0.5 LSB' [V]
VFST' (ideal value)  AVRH  1.5 LSB' [V]
VNT: Voltage at which the digital output changes from (N  1) H to NH
1LSB' (ideal value)
1024
AVRH
 AVSS5
[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com