Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KA Datasheet(PDF) 59 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 59 Page - Cypress Semiconductor

Back Button MB91F465KA Datasheet HTML 55Page - Cypress Semiconductor MB91F465KA Datasheet HTML 56Page - Cypress Semiconductor MB91F465KA Datasheet HTML 57Page - Cypress Semiconductor MB91F465KA Datasheet HTML 58Page - Cypress Semiconductor MB91F465KA Datasheet HTML 59Page - Cypress Semiconductor MB91F465KA Datasheet HTML 60Page - Cypress Semiconductor MB91F465KA Datasheet HTML 61Page - Cypress Semiconductor MB91F465KA Datasheet HTML 62Page - Cypress Semiconductor MB91F465KA Datasheet HTML 63Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 59 of 86
86
3. ICR23 and ICR47 can be exchanged by setting the REALOS compatibility bit (addr 0C03H : IOS[0])
4. Used by REALOS
5. Memory Protection Unit (MPU) support
Interrupt
Interrupt
number
Interrupt level [1]
1. The Interrupt Control Registers (ICRs) are located in the interrupt controller and set the interrupt level for each interrupt request. An ICR is
provided for each interrupt request.
Interrupt vector [2]
2. The vector address for each EIT (exception, interrupt or trap) is calculated by adding the listed offset to the table base register value (TBR) .
The TBR specifies the top of the EIT vector table. The addresses listed in the table are for the default TBR value (000FFC00H) . The TBR is
initialized to this value by a reset. The TBR is set to 000FFC00H after the internal boot ROM is executed.
DMA
Resource
number
Decimal Hexa-de
cimal
Setting
Register
Register
address
Offset
Default Vector
address
Reserved
128
80
ICR56
478H
1FCH
000FFDFCH
-
Reserved
129
81
1F8H
000FFDF8H
-
Reserved
130
82
ICR57
479H
1F4H
000FFDF4H
-
Reserved
131
83
1F0H
000FFDF0H
-
Real Time Clock
132
84
ICR58
47AH
1ECH
000FFDECH
-
Calibration Unit
133
85
1E8H
000FFDE8H
-
A/D Converter 0
134
86
ICR59
47BH
1E4H
000FFDE4H
14, 112
Reserved
135
87
1E0H
000FFDE0H
-
Reserved
136
88
ICR60
47CH
1DCH
000FFDDCH
-
Reserved
137
89
1D8H
000FFDD8H
-
Low Voltage Detection
138
8A
ICR61
47DH
1D4H
000FFDD4H
-
Reserved
139
8B
1D0H
000FFDD0H
-
Timebase Overflow
140
8C
ICR62
47EH
1CCH
000FFDCCH
-
PLL Clock Gear
141
8D
1C8H
000FFDC8H
-
DMA Controller
142
8E
ICR63
47FH
1C4H
000FFDC4H
-
Main/Sub OSC stability wait
143
8F
1C0H
000FFDC0H
-
Security vector
144
90
--
1BCH
000FFDBCH
-
Used by the INT instruction.
145
to
255
91
to
FF
--
1B8H to
000H
000FFDB8H
to
000FFC00H
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com