Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB91F465KA Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB91F465KA
Description  32-bit RISC, load/store architecture, five-stage pipeline
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F465KA Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB91F465KA Datasheet HTML 17Page - Cypress Semiconductor MB91F465KA Datasheet HTML 18Page - Cypress Semiconductor MB91F465KA Datasheet HTML 19Page - Cypress Semiconductor MB91F465KA Datasheet HTML 20Page - Cypress Semiconductor MB91F465KA Datasheet HTML 21Page - Cypress Semiconductor MB91F465KA Datasheet HTML 22Page - Cypress Semiconductor MB91F465KA Datasheet HTML 23Page - Cypress Semiconductor MB91F465KA Datasheet HTML 24Page - Cypress Semiconductor MB91F465KA Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 86 page
background image
MB91460K Series
Document Number: 002-04602 Rev. *A
Page 21 of 86
86
7. Block Diagram
7.1
MB91F465Kx
P21_7, P21_3
P20_7, P20_3
TTG0/8 to TTG3/11, TTG4 to TTG7
PPG0 to PPG11
TIN0 to TIN7
TOT0 to TOT7
CK0 to CK7
ICU0 to ICU7
OCU0 to OCU7
SDA0
SCL0
AN0 to AN25
ATGX
SIN0 to SIN4
SOT0 to SOT4
SCK0 to SCK4
RX4
TX4
R-bus
16
I-bus
32
D-bus
32
FR60 CPU
core
ID-RAM
8 Kbytes
Bus converter
D-RAM
8 Kbytes
Bit search
CAN
1 channel
32 <-> 16
bus adapter
Clock modulator
Clock monitor
MONCLK
Interrupt controller
INT0 to INT7,
INT12, INT14
External interrupt
10 channels
Clock supervisor
Clock control
PPG timer
12 channels
Reload timer
8 channels
Free-run timer
8 channels
Input capture
8 channels
Output compare
8 channels
General purpose IO ports
without resource, 7 pins
LIN-USART
5 channels
1 channel
I C
2
Real Time Clock
A/D converter
26 channels
DMAC
5 channels
P16_4 to P16_6
Flash-Cache
4 Kbytes
Flash memory
544 Kbytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com