Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-RNDGI8 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 12Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 13Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 14Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 15Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 16Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 17Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 18Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 19Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
16
December 16, 2016
Table 6.
LED Pattern Selection
Option
Voltage on LED_PAT Pin
LED1/LED2 Pin
Status
Standby
Transfer
Complete
Fault
1
Pull-Down or 0.075V
LED1 – GREEN
Off
On
Off
Off
LED2 – RED
Off
Off
Off
Blink 4Hz
2
0.225V
LED1 – GREEN
On
On
Off
Off
LED2 – RED
On
Off
Off
Blink 4Hz
3
0.375V
LED1 – GREEN
Off
Blink 1Hz
On
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
4
0.525V
LED1 – GREEN
Off
On
Off
Blink 4Hz
LED2 – RED
Off
Off
Off
Off
5
0.675V
LED1 – GREEN
On
Blink 1Hz
On
Off
LED2 – RED
On
Off
Off
Blink 4Hz
6
0.825V
LED1 – GREEN
Off
Off
On
Off
LED2 – RED
Off
On
Off
Blink 4Hz
7
0.975V or Pull-Up
LED1 – GREEN
Off
Blink 1Hz
On
Off
LED2 – RED
Off
Off
Off
Blink 4Hz
7.9
Foreign Object Detection
When metallic objects, such as coins, keys, and paperclips, are exposed to alternating magnetic fields, the eddy current flowing through the
object will heat up. The amount of heat generated is a function of the amplitude and frequency of the magnetic field, as well as the
characteristics of the object, such as resistivity, size, and shape. In any wireless power system, the heat generated by the eddy current
manifests itself as a power loss reducing the overall system efficiency. If appropriate measures are not taken, the heating could lead to unsafe
situation.
In Extended Power Profile, there are two stages of foreign object detection (FOD). One is by measuring the system quality factor prior to
entering the power transfer phase, and the other is to measure the power loss difference between the received power and the transmitted
power during the power transfer phase. Prior to entering the power transfer phase, the P9242-R detects a change in the coil’s quality factor
(Q-factor) when a wireless power receiver or metal object has been placed on its surface. The transmitter measures the Q-factor and
compares it with the reference Q-factor provided by the receiver. If the difference is higher than the reference Q-factor, the P9242 will identify
it as FOD and shut down the system.
The second stage of the foreign object detection is during the power transfer where the power loss difference between the received power
and transmitted power is constantly measured and compared to the WPC-1.2.2-specified threshold. If the difference is higher than the
threshold set by the WPC specification, the system will shut down to avoid over-heating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com