Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-RNDGI8 Datasheet(PDF) 15 Page - Integrated Device Technology

Part # P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Datasheet(HTML) 15 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 11Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 12Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 13Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 14Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 15Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 16Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 17Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 18Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 19Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
15
December 16, 2016
7.5
Current Demodulation – IDEMI
The current-mode detector takes the modulation information from the current sense resistor, which carries the coil current modulation
information in addition to the averaged input current. There is an additional discrete low-pass filter and DC filter between the ISNS_OUT and
IDEMI pins. The packet decoder block is shared between the voltage-mode and current-mode detectors. The packet decoder selects either
voltage-mode or current-mode signals depending upon which produces the best demodulated signal.
Figure 15. Current Mode Envelope Detector
VIN
Vbridge
Packet
Decoder
To Registers
20m

P9242-R
R1
C1
C2
C3
7.6
Thermal Protection
The P9242-R integrates thermal shutdown circuitry to prevent damage resulting from excessive thermal stress that may be encountered
under fault conditions. This circuitry will shut down or reset the P9242-R if the die temperature exceeds a threshold to prevent damage
resulting from excessive thermal stress that might be encountered under fault conditions. An internal temperature protection block is enabled
in the P9242-R that monitors the temperature inside the chip. If the die temperature exceeds 140°C, the chip shuts down and resumes when
the internal temperature drops below 120°C.
7.7
External Temperature Sensing – TS
The P9242-R has a temperature sensor input, TS, which can be used to monitor an external temperature by using a thermistor. The built-in
comparator’s reference voltage was chosen to be 0.6V in the P9242-R, and it is used for monitoring the voltage level on the TS pin.
Figure 16. NTC Thermistor Connection to TS Pin
C1
LDO33
TS
P9242-R
ADC
To disable the thermistor, the TS pin should be connected to the LDO33 pin. Do not leave the TS pin floating.
7.8
LEDs Pattern Selection – LED_PAT
The P9242-R uses two LEDs to indicate the power transfer status, faults and operating modes. LEDs are connected to LED1 and LED2 pins
as shown on the typical application schematic Figure 24.
The LED patterns can be programmed by setting the voltage on the LED_PAT pin through the resistor divider R43 and R44 as shown on
Figure 24.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com