Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-RNDGI8 Datasheet(PDF) 30 Page - Integrated Device Technology

Part # P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Datasheet(HTML) 30 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 23Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 24Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 25Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 26Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 27Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 28Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 29Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 30Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 31Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 30 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
30
December 16, 2016
14. Special Notes: NDG 48-VFQFN Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The HIC indicator card for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be baked for
a minimum of 8 hours at 125˚C within 24 hours prior to the assembly reflow process.
15. Marking Diagram
1. Line 1: Company name and part number.
2. Line 2: -R is part of the part number, which is followed by the package code.
3. Line 3: “YYWW” is the last two digits of the year and two digits for the week that the
part was assembled. # is the device step.“$” denotes the mark code.
16. Ordering Information
Orderable Part
Number
Description and Package
MSL Rating
Shipping
Package
Ambient
Temperature
P9242-RNDGI8
P9242-R Wireless Power Receiver for 15W
Applications, 48-VFQFN (6 x 6 mm) package (NDG48)
MSL1
Tape and reel
0°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com