Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-RNDGI8 Datasheet(PDF) 24 Page - Integrated Device Technology

Part # P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Datasheet(HTML) 24 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 20Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 21Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 22Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 23Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 24Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 25Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 26Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 27Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 28Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
24
December 16, 2016
11. Application Information
11.1 Power Dissipation and Thermal Requirements
The P9242-R is offered in a 48-VFQFN package that has a maximum power dissipation capability of about 1.47W. The maximum power
dissipation of the package is determined by the number of thermal vias between the package and the printed circuit board (PCB). The
maximum power dissipation of the package is defined by the die’s specified maximum operating junction temperature, TJ(MAX) of 125°C. The
junction temperature rises when the heat generated by the device’s power dissipation flow is impeded by the package-to-PCB thermal
resistance.
The VFQFN package offers a typical thermal resistance, junction to ambient (θJA), of 27.2°C/W when the PCB layout design is optimized as
described in the P9242-R Layout Guide document. The techniques noted in the PCB layout section must be followed when designing the
printed circuit board layout. Attention to the placement of the P9242-R and bridge FET packages in proximity to other heat-generating devices
in a given application design should also be considered. The ambient temperature around the power IC will also have an effect on the thermal
limits of an application. The main factors influencing θJA (in the order of decreasing influence) are PCB characteristics, die/package attached
thermal pad size (VFQFN) and thermal vias, and the final system hardware construction. Board designers should keep in mind that the
package thermal metric θJA is impacted by the characteristics of the PCB. Changing the design or configuration of the PCB changes the
overall thermal resistivity and the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design.
Improving the thermal coupling of the component to the PCB.
Introducing airflow into the system.
First, the maximum power dissipation for a given situation should be calculated using Equation 2:
PD(MAX) =
(TJ(MAX) − TA)
θJA
Equation 2
Where
PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TA = Ambient temperature (°C)
The maximum recommended operating junction temperature (TJ(MAX)) for the P9242-R is 125°C. The thermal resistance of the 48-pin VFQFN
package (NDG48) is optimally θJA=27.2°C/W. Operation is specified to a maximum steady-state ambient temperature (TA) of 85°C. Therefore,
the maximum recommended power dissipation is given by the following equation:
PD(Max) = (125°C - 85°C) / 27.2°C/W ≅ 1.47 Watt
All the previously mentioned thermal resistances are the values found when the P9242-R is mounted on a standard board of the dimensions
and characteristics specified by the JEDEC 51 standard.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com