Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-RNDGI8 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # P9242-RNDGI8
Description  Wireless Power Transmitter
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

P9242-RNDGI8 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button P9242-RNDGI8 Datasheet HTML 10Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 11Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 12Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 13Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 14Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 15Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 16Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 17Page - Integrated Device Technology P9242-RNDGI8 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
P9242-R Datasheet
© 2016 Integrated Device Technology, Inc
14
December 16, 2016
7. Theory of Operation
A wireless power charging system has a base station with one or more transmitters that make power available via DC-to-AC inverter(s) and
transmit the power over a strongly-coupled inductor pair to a receiver in a mobile device. The amount of power transferred to the mobile
device is controlled by the wireless power receiver by sending communication packets to the transmitter to increase, decrease, or maintain
the power level. The communication from receiver to transmitter is purely digital and consists of 1’s and 0’s that ride on top of the power link
that exists between the transmitter (TX) and receiver (RX) coil. Communication from transmitter to receiver is achieved by frequency shift
keying (FSK) modulation over the power signal frequency and amplitude shift keying (ASK) is used for the communication protocol from
receiver to transmitter.
A feature of the wireless charging system is the fact that when it is not delivering power, the transmitter is in Standby Mode. The transmitter
remains in Standby Mode and periodically pings until it detects the presence of a receiver. Once an Extended Power Profile Receiver is
detected, such as the P9221-R or equivalent, the transmitter will provide with up to 15W of output power. If a Baseline Power Profile Receiver
is present, the transmitter will deliver only up to 5W of output power.
The P9242-R contains features that ensure a high level of functionality and compliance with the WPC requirements, such as a power path
that efficiently achieves power transfer, a simple and robust communication demodulation circuit, safety and protection circuits, configuration,
and status indication circuits.
7.1
Over-Current Limit – ILIM
The over-current protection (OCP) is designed to protect the half-bridge and wireless receiver unit from becoming exposed to operating
conditions that could potentially cause damage or unexpected behavior from the system. The input current is continuously monitored during
the power transfer stage. If the input current goes above the OCP threshold of 2.1A (typical), the P9242-R will increase the switching
frequency or reduce the duty cycle in order to keep the input current below the OCP value.
7.2
Enable Pin – EN
̅̅̅̅̅
The P9242-R can be disabled by applying a logic HIGH to the EN pin. When the voltage on the EN pin is pulled high, operation is suspended
and the P9242-R is placed in the low-current Shut Down Mode. If pulled low, the P9242-R is active.
7.3
Buzzer – BUZR
An optional AC-type ceramic buzzer can be connected between the BUZR pin to GND through a current limiting resistor. A short 4kHz “chirp”
sound will indicate when the object is detected. Do not connect this pin if the buzzer function is not desired.
7.4
Voltage Demodulation – VDEM1
In order to increase the communication reliability in any load condition, the P9242-R has integrated two demodulation schemes, one based on
coil current information and the other based on coil voltage modulation. The voltage mode envelope detector is implemented using a discrete
solution as depicted on Figure 14. This simple implementation achieves the envelope detector function low-pass filter as well as the DC filter
function.
Figure 14. Voltage Mode Envelope Detector
D1
R1
R2
C1
R3
C2
C3
Packet
Decoder
To Registers
P9242-R
VDEM1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com