Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 19 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 19 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 15Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 16Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 17Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 18Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 19Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 20Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 21Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 22Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
19
April 20, 2016
6
ESD/Latch-Up-Protection
All pins have an ESD protection of >± 2000V according the Human Body Model (HBM) except for pin 8, which has
a protection level of >± 1000V. The ESD test follows the H
uman Body Model with 1.5 kΩ/100 pF based on MIL
883-G, Method 3015.7.
Latch-up protection of >± 100mA has been proven based on JEDEC No. 78A Feb. 2006, temperature class 1.
7
Pin Configuration and Package
Figure 7.1
Pin Configuration ZLED7010
LX
GND
ADJI
ADJO
RNTC
RTH
ISENSE
VIN
Table 4.1
Pin Description SOP-8
Pin
Name
No.
Description
VIN
1
Supply voltage (6V to 40V)—see section 8 for layout considerations.
ISENSE
2
Nominal average output current is set by the value of a resistor RS connected from ISENSE to VIN. See
section 2.3.1 for details.
RTH
3
Threshold input from external temperature sensing network. Sets the starting temperature of temperature
compensation via an external resistor. See section 4.4 for details.
RNTC
4
NTC input from external temperature sensing network. See section 4.4 for details.
ADJO
5
Output for control signal for LED driver chain applications
ADJI
6
Output current control pin—see section 2.3 for details
GND
7
Ground (0V)—see section 8.4 for layout considerations
LX
8
Power switch drain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com