Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 14 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 14 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 15Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 16Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 17Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 18Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
14
April 20, 2016
VIN
ISENSE
LX
ZLED7010
n LED
L1
CLED
RS
D1
VS
3.4.
Output Ripple
Shunt a capacitor CLED across the LED(s) as shown in Figure 3.1 to minimize the peak-to-peak ripple current in the
LED if necessary.
Figure 3.1
Output Ripple Reduction
Low-ESR capacitors should be used because the efficiency of CLED largely depends on its ESR and the dynamic
resistance of the LED(s). For an increased number of LEDs, using the same capacitor will be more effective.
Lower ripple can be achieved with higher capacitor values, but it will increase start-up delay by reducing the slope
of the LED voltage. The capacitor will not affect operating frequency or efficiency. For a simulation or bench
optimization, CLED values of a
few μF are an applicable start point for the given configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com