Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 5Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 10Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 11Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
9
April 20, 2016
S
OUT
R
mV
95
I
=
2
Circuit Description
The ZLED7010 is an inductive step-down converter for driving LEDs. It operates in continuous mode, enabling
proper LED current control. The ZLED7010 supports linear or PWM control of the LED current. It provides
temperature compensation to maintain stable and reliable operation of the LEDs. Only a few external components
are needed for typical applications.
2.1.
Voltage Supply
The ZLED7010 has an internal regulator that disables the LX output until the voltage supply rises above a start-up
threshold voltage set internally as needed to ensure that the power MOSFET on-resistance is low enough for
proper operation. When the supply voltage exceeds the threshold, the ZLED7010 begins normal operation.
Important: The ZLED7010 must be operated within the operating voltage range specified in section 1.2 to avoid
conditions that could result in thermal damage to the ZLED7010. Operating with the supply voltage below the
minimum can result in a high switch duty cycle and excessive ZLED7010 power dissipation, risking over-
temperature conditions (also see section 4.1 regarding thermal restrictions) which could result in activation of the
ZLED7010’s thermal shut-down circuitry (see section 4.2). With multiple LEDs, the forward drop is typically
adequate to prevent the chip from switching below the minimum voltage supply specification (6V), so there is less
risk of thermal shut-down.
2.2.
ZLED7010 Standby Mode
Whenever the ADJI pin voltage falls below 0.2V, the ZLED7010 turns the output off and the supply current drops
to approximately 60μA. This standby mode minimizes current consumption.
2.3.
Output Current Control
The LED control current output on the LX pin is determined by the value of external components and the control
voltage input at the ADJI pin. Selection of the external component RS is discussed below, and other external
components are discussed in section 3. The subsequent sections describe the two options for control voltage
input at the ADJI pin: a pulse width modulation (PWM) control signal or a DC control voltage.
The ADJI pin has an input impedance
†
of 500kΩ ±25%.
2.3.1.
Output Current and RS
The current sense threshold voltage and the value of the external current sense resistor (RS) between VIN and
ISENSE set the output current through the LEDs (IOUT). Equation (1) shows this basic relationship. Unless the ADJ
pin is driven from an external voltage (see section 2.3.3), the minimum value for RS is 0.13
Ω to prevent exceeding
the maximum switch current (see section 1.3).
(1)
Where
IOUT = Nominal average output current through the LED(s)
RS
≥0.13Ω
† At room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com