Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 16 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 16 Page - Integrated Device Technology

Back Button ZLED-PCB1 Datasheet HTML 12Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 13Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 14Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 15Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 16Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 17Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 18Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 19Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 20Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
ZLED7010 Datasheet
© 2016 Integrated Device Technology, Inc.
16
April 20, 2016
+
∗
∗
=
2
R
4
R
3
R
R
V
V
079
.
0
I
S
ADJI
DC
_
OUT
+
∗
=
2
R
4
R
3
R
R
V
095
.
0
I
S
DC
_
OUT
The IOUT current with temperature compensation can be calculated with the following equations:
For 0.3V
≤ V
ADJI
≤ 1.2V:
(8)
For VADJI > 1.2V:
(9)
R3 and R4 determine the slope of temperature compensation. If R4 is just 0
Ω, the slope is solely driven by the
NTC component’s characteristic
β-constant. Larger values of R4 will decrease the slope.
When dimensioning R2, consider that larger values will make the RTH pin more noise sensitive and lower values
will increase power consumption therefore values from 1k to 100k are recommended. For a selected temperature
compensation threshold, larger R3 and R4 require larger R2 to match and vice versa.
Also see section 5 regarding driver chains and temperature compensation.
Figure 4.2 shows some examples of current-temperature curves resulting from different dimensioning of the three
resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com