Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLED-PCB1 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # ZLED-PCB1
Description  40V LED Driver with Temperature Compensation
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ZLED-PCB1 Datasheet(HTML) 1 Page - Integrated Device Technology

  ZLED-PCB1 Datasheet HTML 1Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 2Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 3Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 4Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 5Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 6Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 7Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 8Page - Integrated Device Technology ZLED-PCB1 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
40V LED Driver with
Temperature Compensation
ZLED7010
Datasheet
© 2016 Integrated Device Technology, Inc.
1
April 20, 2016
RNTC
VIN
RTH
ADJI
ADJO
GND
ISENSE
LX
ZLED7010
VS
n LED
L1
R3
NTC
C1
1
μF
C2
100nF
R2
50k
Ω
RS
D1
47
μH
6 to 40 VDC
1
2
8
5
7
6
3
4
Brief Description
The ZLED7010, one of our ZLED Family of LED control
ICs, is an inductive step-down converter that is optimal
for driving a single LED or multiple LEDs (connected in
series) from a voltage source greater than the voltage
rating of the LED. The ZLED7010 operates in continu-
ous mode. Capable of operating efficiently with voltage
supplies ranging from 6 VDC to 40 VDC, it is ideal for
low-voltage lighting applications. The ZLED7010 mini-
mizes current consumption by remaining in a low-current
standby mode (output is off) until a voltage of
≥0.3V is
applied to the ADJI pin.
In operating mode, the ZLED7010 can source LEDs with
an output current of
≤ 750mA (≤ 30 watts of output
power*) that is externally adjustable. The ZLED7010’s
integrated output switch and high-side current sensing
circuit use an external resistor to adjust the average out-
put current. LED control is achieved via an external con-
trol signal at the ZLED7010’s ADJI pin, implemented as
a pulse-width modulation (PWM) waveform for a gated
output current or a DC voltage for continuous current.
The ZLED7010 provides a temperature compen-
sation function for maintaining stable and reliable
LED operation. LED over-temperature conditions
are detected via a negative temperature coefficient
(NTC) thermistor mounted close to the LEDs. If an
over-temperature condition occurs, the NTC value
reaches the value of a threshold resistor and the
IC reduces LED current automatically. After the
circuit recovers to a safe temperature, current
returns to the set value.
ADJO outputs and ADJI inputs of consecutive ICs
can be interconnected as a driver chain deploying
the temperature compensation information of the
predecessor. This reduces the part count because
only the first stage of the series requires an NTC.
* See section 2.3 and 1.4 for details
Features
• Capable of 95% efficiency*
• Operates in continuous mode with a wide input
range from 6 VDC to 40 VDC
• Integrated 40V power switch
• One-pin on/off or brightness control via DC voltage
or PWM control signal
• Switching frequency:
≤ 1MHz
• Dimming rate: 1200:1 (typical)
• Output current accuracy: 5% (typical)
• Built-in temperature compensation and open-circuit
protection for LEDs
• Thermal shutdown protection for the ZLED7010
• Very few external components needed for operation
• Broad range of applications: outputs up to
≤750mA
• SOP-8 package
Application Examples
• Illuminated LED signs and other displays
• LED traffic and street lighting (low-voltage)
• Architectural LED lighting, including low-voltage
applications for buildings
• Halogen replacement LEDs (low-voltage)
• LED flood-lighting
• LED backlighting
• General purpose exterior and interior LED lighting,
including applications requiring low-voltage
• General purpose low-voltage industrial applications
ZLED7010 Application Circuit


Similar Part No. - ZLED-PCB1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
706Kb / 20P
40V LED Driver with Internal Switch
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED-PCB1 ETC2-ZLED-PCB1 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Device Techn...
ZLED-PCB1 IDT-ZLED-PCB1 Datasheet
564Kb / 18P
40V LED Driver with Internal Switch
ZLED-PCB1 IDT-ZLED-PCB1 Datasheet
304Kb / 14P
Universal LED Driver
More results

Similar Description - ZLED-PCB1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3352 ISSI-IS31LT3352 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
40V LED DRIVER WITH EXTERNAL SWITCH
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
Universal LED Driver with Temperature Compensation
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
40V LED Driver with Temperature Compensation
logo
Integrated Silicon Solu...
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
40V LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
logo
Renesas Technology Corp
ZLED7001 RENESAS-ZLED7001 Datasheet
482Kb / 15P
Universal LED Driver with Temperature Compensation
April 20, 2016
ZLED7010 RENESAS-ZLED7010 Datasheet
1Mb / 23P
40V LED Driver with Temperature Compensation
April 20, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com