Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 14 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 14 Page - Analog Devices

Back Button AD5593R Datasheet HTML 10Page - Analog Devices AD5593R Datasheet HTML 11Page - Analog Devices AD5593R Datasheet HTML 12Page - Analog Devices AD5593R Datasheet HTML 13Page - Analog Devices AD5593R Datasheet HTML 14Page - Analog Devices AD5593R Datasheet HTML 15Page - Analog Devices AD5593R Datasheet HTML 16Page - Analog Devices AD5593R Datasheet HTML 17Page - Analog Devices AD5593R Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 13 of 33
TIME (µs)
–10
–5
0
5
10
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Figure 18. DAC Settling Time (100 Code Change, Rising Edge)
TIME (µs)
–10
–5
0
5
10
2.42
2.44
2.46
2.48
2.50
2.52
2.54
2.56
2.58
Figure 19. DAC Settling Time (100 Code Change, Falling Edge)
TIME (µs)
0.50
2.00
1.75
1.50
1.25
1.00
0.75
0
12345
RL = 2kΩ
CL = 200pF
Figure 20. DAC Settling Time, Output Range = 0 V to VREF
TIME (µs)
1.0
4.0
3.5
3.0
2.5
2.0
1.5
0
12345
RL = 2kΩ
CL = 200pF
Figure 21. DAC Settling Time, Output Range = 0 V to 2 × VREF
TIME (µs)
–5
0
5
10
15
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0nF LOAD
10nF LOAD
22nF LOAD
47nF LOAD
Figure 22. DAC Settling Time vs. Capacitive Load
TIME (Seconds)
–200
–150
–100
–50
0
50
100
150
200
048
26
10
Figure 23. DAC 1/f Noise with External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com