Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 19 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5593R Datasheet HTML 15Page - Analog Devices AD5593R Datasheet HTML 16Page - Analog Devices AD5593R Datasheet HTML 17Page - Analog Devices AD5593R Datasheet HTML 18Page - Analog Devices AD5593R Datasheet HTML 19Page - Analog Devices AD5593R Datasheet HTML 20Page - Analog Devices AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices AD5593R Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
AD5593R
Data Sheet
Rev. B | Page 18 of 33
THEORY OF OPERATION
The AD5593R is an 8-channel, configurable analog and digital
I/O port. The AD5593R has eight pins that can be independently
configured as a 12-bit DAC output channel, a 12-bit ADC input
channel, a digital input pin, or a digital output pin.
The function of each pin is determined by programming the
ADC, DAC, or GPIO configuration registers as appropriate.
DAC SECTION
The AD5593R contains eight 12-bit DACs. Each DAC consists
of a string of resistors followed by an output buffer amplifier.
Figure 31 shows a block diagram of the DAC architecture.
DAC REGISTER
REF (+)
VREF
I/Ox
GND
REF (–)
RESISTOR
STRING
OUTPUT
AMPLIFIER
Figure 31. DAC Channel Architecture Block Diagram
The DAC channels share a single DAC range bit (see Bit D4 in
Table 13) that sets the output range to 0 V to VREF or 0 V to 2 ×
VREF. Because the range bit is shared by all channels, it is not
possible to set different output ranges on a per channel basis.
The input coding to the DAC is straight binary. Therefore, the
ideal output voltage is given by
N
REF
OUT
D
V
G
V
2
where:
G = 1 for an output range of 0 V to VREF or G = 2 for an output
range of 0 V to 2 × VREF.
VREF is the voltage on the VREF pin.
D is the decimal equivalent of the binary code (0 to 4095) that is
loaded to the DAC register.
N = 12.
Resistor String
The simplified segmented resistor string DAC structure is
shown in Figure 32. The code loaded to the DAC register
determines the switch on the string that is connected to the
output buffer.
Because each resistance in the string has the same value, R, the
string DAC is guaranteed monotonic.
TO OUTPUT
AMPLIFIER
R
R
R
R
R
Figure 32. Resistor String
DAC Output Buffer
The output buffer is designed as an input/output rail-to-rail
buffer. The output buffer can drive 2 nF capacitance with a 1 kΩ
resistor in parallel. The slew rate is 1.25 V/μs with a ¼ to ¾
scale settling time of 6 μs. By default, the DAC outputs update
directly after data has been written to the input register. The
LDAC register delays the updates until additional channels have
been written to if required. See the LDAC Mode Operation
section for more information.
ADC SECTION
The ADC section is a fast, 12-bit, single-supply ADC with a
conversion time of 2 μs. The ADC is preceded by a multiplexer
that switches selected I/O pins to the ADC. A sequencer is
included to switch the multiplexer to the next selected channel
automatically. Channels are selected for conversion by writing
to the ADC sequence register. When the write to the ADC
sequence register has completed, the first channel in the
conversion sequence is put into track mode. Each channel can
track the input signal for a minimum of 500 ns. The conversion is
initiated on the rising edge of the clock for the acknowledge
(ACK) that occurs after the slave address (see Figure 37).
Each conversion takes 2 μs. The ADC has a range bit (ADC
range select in the general-purpose control register, see Bit D5 in
Table 13) that sets the input range as 0 V to VREF or 0 V to 2 ×
VREF. All input channels share the same range. The output
coding of the ADC is straight binary. It is possible to set each
I/Ox pin as both a DAC and an ADC. In this case, the primary
function is that of the DAC. If the pin is selected for inclusion in
an ADC conversion sequence, the voltage on the pin is converted
and made available via the serial interface. This allows the DAC
voltage to be monitored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com