Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 27 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 27 Page - Analog Devices

Back Button AD5593R Datasheet HTML 23Page - Analog Devices AD5593R Datasheet HTML 24Page - Analog Devices AD5593R Datasheet HTML 25Page - Analog Devices AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices AD5593R Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
AD5593R
Data Sheet
Rev. B | Page 26 of 33
DAC WRITE OPERATION
Data is written to a DAC when the mode bits (Bits[D7:D4]) of
the pointer byte are 0b0001 (see Table 10). Bits[D2:D0]
determine which DAC is addressed. Data to be written to the
DAC is contained in the MSB and LSB, as shown in Table 17.
Data is written to the selected DAC input register. Data written
to the input register can be automatically copied to the DAC
register, if required. Data is transferred to the DAC register
based on the setting of the LDAC mode register (see Table 15).
LDAC Mode Operation
The transfer of data from an input register to a DAC register is
controlled by Bit D1 and Bit D0 of the readback and LDAC
mode register (pointer byte = 0b00000111). When the LDAC
mode bits (Bit D1 and Bit D0) are set to 00, new data is
automatically transferred from the input register to the DAC
register and the analog output updates. When the LDAC mode
bits are set to 01, data remains in the input register. This allows
writes to input registers without affecting the analog outputs.
After loading the input registers with the desired values and
setting the LDAC mode bits to 10, the values in the input
registers transfer to the DAC registers and the analog outputs
update simultaneously. The LDAC mode bits then revert to 01.
Table 15. LDAC Mode Register
D1
D0
LDAC Mode
0
0
Data written to an input register is immediately
copied to a DAC register and the DAC output
updates (default).
0
1
Data written to an input register is not copied to a
DAC register. The DAC output is not updated.
1
0
Data in the input registers is copied to the
corresponding DAC registers. When the data has
been transferred, the DAC outputs are updated
simultaneously.
1
1
Reserved.
DAC READBACK
The input register of each DAC can be read back via the I2C
interface. This can be useful to confirm that the data was received
correctly before writing to the LDAC register or simply checking
what value was last loaded to a DAC. Data can be read back
from a DAC only when no ADC conversion sequence is taking
place. A DAC input register can be read back using the sequence
shown in Figure 35 or Figure 36. The mode bits, Bits[D3:D0], of
the pointer register, 0b0101, select which DAC input register is
to be read back. When the DAC register is read back, the MSB
of the most significant data byte is a 1 to indicate that the result
is a DAC register. The next three bits (Bits[D14:D12]) contain
the DAC register address (see Table 17) and Bits[D11:D0]
contain the DAC register value. Figure 39 shows an example of
reading the input register of DAC2.
Table 16. DAC Pointer Byte Address
DAC Address
D7
D6
D5
D4
D3
D2
D1
D0
DAC0
0
0
0
1
0
0
0
0
DAC1
0
0
0
1
0
0
0
1
DAC2
0
0
0
1
0
0
1
0
DAC3
0
0
0
1
0
0
1
1
DAC4
0
0
0
1
0
1
0
0
DAC5
0
0
0
1
0
1
0
1
DAC6
0
0
0
1
0
1
1
0
DAC7
0
0
0
1
0
1
1
1
Table 17. DAC Data Register
MSB
LSB
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
DAC address
12-bit DAC data
S = START CONDITION
P = STOP CONDITION
A = ACKNOWLEDGE
RS = REPEAT START
A
P
S
A
A
0b01010010
0b1010XXX
0bXXXXXXX
RS
A
POINTER BYTE
DACADDRESS AND
4 MSBs
DAC LSBs
SLAVE ADDRESS + W
A
SLAVE ADDRESS + R
Figure 39. DAC Input Register Readback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com