Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 18 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5593R Datasheet HTML 14Page - Analog Devices AD5593R Datasheet HTML 15Page - Analog Devices AD5593R Datasheet HTML 16Page - Analog Devices AD5593R Datasheet HTML 17Page - Analog Devices AD5593R Datasheet HTML 18Page - Analog Devices AD5593R Datasheet HTML 19Page - Analog Devices AD5593R Datasheet HTML 20Page - Analog Devices AD5593R Datasheet HTML 21Page - Analog Devices AD5593R Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 17 of 33
DAC DC Power Supply Rejection Ratio (PSRR)
For the DAC, PSRR indicates how the output of the DAC is
affected by changes in the supply voltage. PSRR is the ratio of
the change in VOUT to a change in VDD for full-scale output of
the DAC. It is measured in mV/V. VREF is held at 2 V, and VDD is
varied by ±10%.
Output Voltage Settling Time
Output voltage settling time is the amount of time it takes for
the output of a DAC to settle to a specified level for a ¼ to ¾
full-scale input change and is measured from the rising edge of
SDA that generates the stop condition.
Digital-to-Analog Glitch Impulse
Digital-to-analog glitch impulse is the impulse injected into the
analog output when the input code in the DAC register changes
state. It is normally specified as the area of the glitch in nV-sec,
and is measured when the digital input code is changed by 1 LSB at
the major carry transition (0x7FF to 0x800) (see Figure 16 and
Figure 17).
Digital Feedthrough
Digital feedthrough is a measure of the impulse injected into the
analog output of the DAC from the digital inputs of the DAC,
but is measured when the DAC output is not updated. It is
specified in nV-sec, and measured with a full-scale code change
on the data bus, that is, from all 0s to all 1s and vice versa.
Reference Feedthrough
Reference feedthrough is the ratio of the amplitude of the signal
at the DAC output to the reference input when the DAC output
is not being updated. It is expressed in dB.
Noise Spectral Density (NSD)
NSD is a measurement of the internally generated random
noise. Random noise is characterized as a spectral density
(nV/√Hz). It is measured by loading the DAC to midscale and
measuring noise at the output. It is measured in nV/√Hz. A plot
of noise spectral density is shown in Figure 25.
DC Crosstalk
DC crosstalk is the dc change in the output level of one DAC in
response to a change in the output of another DAC. It is
measured with a full-scale output change on one DAC (or soft
power-down and power-up) while monitoring another DAC kept
at midscale. It is expressed in μV.
DC crosstalk due to load current change is a measure of the
impact that a change in load current on one DAC has to
another DAC kept at midscale. It is expressed in μV/mA.
Digital Crosstalk
Digital crosstalk is the glitch impulse transferred to the output
of one DAC at midscale in response to a full-scale code change
(all 0s to all 1s and vice versa) in the input register of another
DAC. It is measured in standalone mode and is expressed in
nV-sec.
Analog Crosstalk
Analog crosstalk is the glitch impulse transferred to the output
of one DAC due to a change in the output of another DAC. It is
first measured by loading one of the input registers with a full-
scale code change (all 0s to all 1s and vice versa). Then it is
measured by executing a software LDAC and monitoring the
output of the DAC whose digital code was not changed. The area of
the glitch is expressed in nV-sec.
DAC-to-DAC Crosstalk
DAC-to-DAC crosstalk is the glitch impulse transferred to the
output of one DAC due to a digital code change and subsequent
analog output change of another DAC. It is measured by loading
the attack channel with a full-scale code change (all 0s to all 1s
and vice versa), using the write to and update commands while
monitoring the output of the victim channel that is at midscale.
The energy of the glitch is expressed in nV-sec.
Multiplying Bandwidth
The amplifiers within the DAC have a finite bandwidth. The
multiplying bandwidth is a measure of this finite bandwidth. A
sine wave on the reference (with full-scale code loaded to the
DAC) appears on the output. The multiplying bandwidth is the
frequency at which the output amplitude falls to 3 dB below the
input.
DAC Total Harmonic Distortion (THD)
For the DAC, THD is the difference between an ideal sine wave
and its attenuated version using the DAC. The sine wave is used
as the reference for the DAC, and the THD is a measurement of
the harmonics present on the DAC output. It is measured in dB.
Voltage Reference Temperature Coefficient (TC)
Voltage reference TC is a measure of the change in the reference
output voltage with a change in temperature. The voltage
reference TC is calculated using the box method, which defines
the TC as the maximum change in the reference output over a
given temperature range expressed in ppm/°C, as follows:
6
)
(
)
(
)
(
10
Range
Temp
V
V
V
TC
NOM
REF
MIN
REF
MAX
REF
where:
VREF(MAX) is the maximum reference output measured over the
total temperature range.
VREF(MIN) is the minimum reference output measured over the
total temperature range.
VREF(NOM) is the nominal reference output voltage, 2.5 V.
Temp Range is the specified temperature range of −40°C to
+105°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com