Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5593R Datasheet(PDF) 32 Page - Analog Devices

Part # AD5593R
Description  Control and monitoring
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5593R Datasheet(HTML) 32 Page - Analog Devices

Back Button AD5593R Datasheet HTML 26Page - Analog Devices AD5593R Datasheet HTML 27Page - Analog Devices AD5593R Datasheet HTML 28Page - Analog Devices AD5593R Datasheet HTML 29Page - Analog Devices AD5593R Datasheet HTML 30Page - Analog Devices AD5593R Datasheet HTML 31Page - Analog Devices AD5593R Datasheet HTML 32Page - Analog Devices AD5593R Datasheet HTML 33Page - Analog Devices AD5593R Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
Data Sheet
AD5593R
Rev. B | Page 31 of 33
APPLICATIONS INFORMATION
MICROPROCESSOR INTERFACING
Microprocessor interfacing to the AD5593R is via a serial bus using
a standard I2C protocol. The communications channel requires a
2-wire interface consisting of a clock signal and a data signal.
AD5593R TO ADSP-BF537 INTERFACE
The I2C interface of the AD5593R is designed to be easily
connected to industry-standard DSPs and microcontrollers.
Figure 41 shows the AD5593R connected to the Analog Devices
Blackfin® DSP. The Blackfin has an integrated I2C port that can
be connected directly to the I2C pins of the AD5593R.
ADSP-BF537
SCL
SCL
SDA
SDA
RESET
PF8
AD5593R
Figure 41. ADSP-BF537 Interface
LAYOUT GUIDELINES
In any circuit where accuracy is important, careful consideration
of the power supply and ground return layout helps to ensure
the rated performance. The printed circuit board (PCB) on
which the AD5593R is mounted must be designed so that the
AD5593R lies on the analog plane.
The AD5593R must have ample supply bypassing of 10 μF in
parallel with 0.1 μF on each supply, located as close to the package
as possible, ideally right up against the device. The 10 μF capacitors
are the tantalum bead type. The 0.1 μF capacitor must have low
effective series resistance (ESR) and low effective series inductance
(ESI) such as the common ceramic types, which provide a low
impedance path to ground at high frequencies to handle transient
currents due to internal logic switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com