Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355-2 Datasheet(PDF) 32 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 28Page - Analog Devices ADF4355-2 Datasheet HTML 29Page - Analog Devices ADF4355-2 Datasheet HTML 30Page - Analog Devices ADF4355-2 Datasheet HTML 31Page - Analog Devices ADF4355-2 Datasheet HTML 32Page - Analog Devices ADF4355-2 Datasheet HTML 33Page - Analog Devices ADF4355-2 Datasheet HTML 34Page - Analog Devices ADF4355-2 Datasheet HTML 35Page - Analog Devices ADF4355-2 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Data Sheet
ADF4355-2
Rev. B | Page 31 of 37
FREQUENCY UPDATE SEQUENCE
Frequency updates require updating the auxiliary modulator
(MOD2) in Register 2, the fractional value (FRAC1) in Register 1,
and the integer value (INT) in Register 0. It is recommended to
perform a temperature dependent VTUNE calibration by updating
Register 10 first. A counter reset (Bit DB4) is also required in
the frequency update sequence Therefore, for fPFD ≤ 75 MHz,
the sequence must be as follows:
1. Register 10.
2. Register 4 (counter reset enabled [DB4 = 1])
3. Register 2
4. Register 1
5. Register 0 (autocalibration disabled [DB21 = 0])
6. Register 4 (counter reset disabled [DB4 = 0])
7. Wait > 16 ADC_CLK_DIV cycles. For example, if
ADC_CLK_DIV = 99.417 kHz, wait 16/99417 sec =
161 µs. See the Register 10 section.
8. Register 0 (autocalibration enabled [DB21 = 1])
For fPFD > 75 MHz (initially lock with half fPFD), the sequence
must be as follows:
1. Register 10.
2. Register 4 (counter reset enabled [DB4 = 1])
3. Register 2 (for halved fPFD).
4. Register 1 (for halved fPFD).
5. Register 0 (for halved fPFD; autocalibration disabled).
6. Register 4 (counter reset disabled [DB4 = 0])
7. Wait >16 ADC_CLK cycles. For example, if
ADC_CLK = 99.417 kHz, wait 16/99417 sec = 161 μs.
See the Register 10 section for more information.
8. Register 0 (for halved fPFD; autocalibration enabled).
9. Register 2 (for desired fPFD).
10. Register 1 (for desired fPFD).
11. Register 0 (for desired fPFD; autocalibration disabled).
The frequency change only occurs when writing to Register 0.
RF SYNTHESIZER—A WORKED EXAMPLE
Use the following equations to program the ADF4355-2
synthesizer:
RFOUT =
MOD1
MOD2
FRAC2
FRAC1
INT
+
+
× (fPFD)/RF Divider
(7)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC1 is the fractionality.
FRAC2 is the auxiliary fractionality.
MOD2 is the auxiliary modulus.
MOD1 is the fixed 24-bit modulus.
RF Divider is the output divider that divides down the
VCO frequency.
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(8)
where:
REFIN is the reference frequency input.
D is the RF REFIN doubler bit.
R is the RF reference division factor.
T is the reference divide by 2 bit (0 or 1).
For example, in a universal mobile telecommunication system
(UMTS) where 2112.8 MHz RF frequency output (RFOUT) is
required, a 122.88 MHz reference frequency input (REFIN) is
available. Note that the ADF4355-2 VCO operates in the frequency
range of 3.4 GHz to 6.8 GHz. Therefore, an RF divider of 2 must be
used (VCO frequency = 4225.6 MHz, RFOUT = VCO frequency/RF
divider = 4225.6 MHz/2 = 2112.8 MHz).
The feedback path is also important. In this example, the VCO
output is fed back before the output divider (see Figure 43).
In this example, divide the 122.88 MHz signal by 2 to generate a
fPFD of 61.44 MHz. The desired channel spacing is 200 kHz.
fPFD
PFD
VCO
N
DIVIDER
÷2
RFOUT
Figure 43. Loop Closed Before Output Divider
The worked example is as follows:
•
N = VCOOUT/fPFD = 4225.6 MHz/61.44 MHz =
68.7760416666666667
•
INT = int(VCO frequency/fPFD) = 68
•
FRAC = 0.7760416666666667
•
MOD1 = 16,777,216
•
FRAC1 = int(MOD1 × FRAC) = 13019817
•
Remainder = 0.6666666667 or 2/3
•
MOD2 = fPFD/GCD(fPFD/fCHSP) =
61.44 MHz/GCD(61.44 MHz/200 kHz) = 1536
•
FRAC2 = remainder × 1536 = 1024
From Equation 8, where the RF Divider = 2,
fPFD = (122.88 MHz × (1 + 0)/2) = 61.44 MHz
(9)
2112.8 MHz = 61.44 MHz × ((INT + (FRAC1 +
FRAC2/MOD2)/224))/2
(10)
where:
INT = 68
FRAC1 = 13,019,817
MOD2 = 1536
FRAC2 = 1024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com