Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355-2 Datasheet(PDF) 5 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 5 Page - Analog Devices

  ADF4355-2 Datasheet HTML 1Page - Analog Devices ADF4355-2 Datasheet HTML 2Page - Analog Devices ADF4355-2 Datasheet HTML 3Page - Analog Devices ADF4355-2 Datasheet HTML 4Page - Analog Devices ADF4355-2 Datasheet HTML 5Page - Analog Devices ADF4355-2 Datasheet HTML 6Page - Analog Devices ADF4355-2 Datasheet HTML 7Page - Analog Devices ADF4355-2 Datasheet HTML 8Page - Analog Devices ADF4355-2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 4 of 37
SPECIFICATIONS
AVDD = DVDD = VRF = 3.3 V ± 5%, 4.75 V ≤ VP = VVCO ≤ 5.25 V, AGND = CPGND = AGNDVCO = SDGND = AGNDRF = 0 V, RSET = 5.1 kΩ, dBm
referred to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFINA/REFINB CHARACTERISTICS
Input Frequency
For f < 10 MHz, ensure slew rate > 21V/µs
Single-Ended Mode
10
250
MHz
Differential Mode
10
600
MHz
Doubler Enabled
100
MHz
Doubler is set in Register 4, Bit DB26
Input Sensitivity
Single-Ended Mode
0.4
AVDD
V p-p
REFINA biased at AVDD/2; ac coupling
ensures AVDD/2 bias
Differential Mode
0.4
1.8
V p-p
LVDS and LVPECL compatible,
REFINA/REFINB biased at 2.1 V;
ac coupling ensures 2.1 V bias
Input Capacitance
Single-Ended Mode
6.9
pF
Differential Mode
1.4
pF
Input Current
±60
µA
Single-ended reference programmed
±250
µA
Differential reference programmed
Phase Detector Frequency
125
MHz
CHARGE PUMP (CP)
Charge Pump Current, Sink/Source
ICP
RSET = 5.1 kΩ
High Value
4.8
mA
Low Value
0.3
mA
RSET Range
5.1
kΩ
Fixed
Current Matching
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. VCP
3
%
0.5 V ≤ VCP1 ≤ VP − 0.5 V
ICP vs. Temperature
1.5
%
VCP1 = 2.5 V
LOGIC INPUTS
Input High Voltage
VINH
1.5
V
Input Low Voltage
VINL
0.6
V
Input Current
IINH/IINL
±1
µA
Input Capacitance
CIN
3.0
pF
LOGIC OUTPUTS
Output High Voltage
VOH
DVDD − 0.4
V
1.5
1.8
V
1.8 V output selected
Output High Current
IOH
500
µA
Output Low Voltage
VOL
0.4
V
IOL2 = 500 µA
POWER SUPPLIES
Analog Power
AVDD
3.15
3.45
V
Digital Power and RF Supply Voltage
DVDD, VRF
AVDD
Voltages must equal AVDD
Charge Pump and VCO Voltage
VP, VVCO
4.75
5.0
5.25
V
VP must equal VVCO
Charge Pump Supply Power Current
IP
8
9
Digital Power Supply Current +
Analog Power Supply Current3
DIDD, AIDD
62
69
mA
Output Dividers
6 to 36
mA
Each output divide by 2 consumes 6 mA
Supply Current
IVCO
70
85
mA
RFOUTA±/RFOUTB± Supply Current
±
x
RF
OUT
I
16/20/
42/554
20/35/
50/704
mA
RF output stage is programmable;
RFOUTB+/RFOUTB− powered off
Low Power Sleep Mode
500
µA
Hardware power-down
1000
µA
Software power-down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com