Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355-2 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 9Page - Analog Devices ADF4355-2 Datasheet HTML 10Page - Analog Devices ADF4355-2 Datasheet HTML 11Page - Analog Devices ADF4355-2 Datasheet HTML 12Page - Analog Devices ADF4355-2 Datasheet HTML 13Page - Analog Devices ADF4355-2 Datasheet HTML 14Page - Analog Devices ADF4355-2 Datasheet HTML 15Page - Analog Devices ADF4355-2 Datasheet HTML 16Page - Analog Devices ADF4355-2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 12 of 37
0.8
1.3
1.8
2.3
2.8
3.3
3.8
4.3
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
OUTPUT FREQUENCY (GHz)
RMS JITTER (ps) 1kHz TO 20MHz
RMS JITTER (ps) 12kHz TO 20MHz
Figure 16. RMS Jitter vs. Output Frequency, PFD Frequency = 61.44 MHz,
Loop Filter = 20 kHz
–110
–100
–90
–80
–70
–60
–50
RFOUTA+/RFOUTA– OUTPUT FREQUENCY (GHz)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
PFD = 15.36MHz
PFD = 30.72MHz
PFD = 61.44MHz
Figure 17. PFD Spur Amplitude vs. RFOUTA+/RFOUTA− Output Frequency,
PFD = 15.36 MHz, PFD = 30.72 MHz, PFD = 61.44 MHz, Loop Filter = 20 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
Figure 18. Fractional-N Spur Performance, GSM1800 Band, RFOUTA+ =
1550.2 MHz, REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 4 Selected,
Loop Filter Bandwidth = 2 kHz, Channel Spacing = 20 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
Figure 19. Fractional-N Spur Performance, W-CDMA Band, RFOUTA+ =
2113.5 MHz, REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 2 Selected,
Loop Filter Bandwidth = 2 kHz, Channel Spacing = 20 kHz
1k
10k
100k
1M
10M
100M
FREQUENCY (Hz)
–160
–150
–140
–130
–120
–110
–100
–90
–80
Figure 20. Fractional-N Spur Performance, RFOUTA+ = 2.591 GHz,
REFIN = 122.88 MHz, PFD = 61.44 MHz, Output Divide by 2 Selected,
Loop Filter Bandwidth = 2 kHz, Channel Spacing = 20 kHz
4.65
4.15
–1
0
1
2
3
4
4.20
1
4.25
4.30
4.35
4.40
4.45
4.50
4.55
TIME (ms)
4.60
Figure 21. Lock Time for 250 MHz Jump from 4150 MHz to 4400 MHz, Loop
Bandwidth = 20 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com