Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355-2 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 3Page - Analog Devices ADF4355-2 Datasheet HTML 4Page - Analog Devices ADF4355-2 Datasheet HTML 5Page - Analog Devices ADF4355-2 Datasheet HTML 6Page - Analog Devices ADF4355-2 Datasheet HTML 7Page - Analog Devices ADF4355-2 Datasheet HTML 8Page - Analog Devices ADF4355-2 Datasheet HTML 9Page - Analog Devices ADF4355-2 Datasheet HTML 10Page - Analog Devices ADF4355-2 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 6 of 37
TIMING CHARACTERISTICS
AVDD = DVDD =VRF = 3.3 V ± 5%, 4.75 V ≤ VP = VVCO ≤ 5.25 V, AGND = CPGND = AGNDVCO = SDGND = AGNDRF = 0 V, RSET = 5.1 kΩ, dBm
referred to 50 Ω, TA = TMIN to TMAX, unless otherwise noted.
Table 2.
Parameter
Limit
Unit
Description
fCLK
50
MHz max
Serial peripheral interface CLK frequency
t1
10
ns min
LE setup time
t2
5
ns min
DATA to CLK setup time
t3
5
ns min
DATA to CLK hold time
t4
10
ns min
CLK high duration
t5
10
ns min
CLK low duration
t6
5
ns min
CLK to LE setup time
t7
20 or (2/fPFD), whichever is longer
ns min
LE pulse width
Timing Diagram
CLK
DATA
LE
DB31 (MSB)
DB30
DB1
(CONTROL BIT C2)
DB0 (LSB)
(CONTROL BIT C1)
t1
t2
t3
t7
t6
t4
t5
DB2
(CONTROL BIT C3)
DB3
(CONTROL BIT C4)
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com