Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4355-2 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4355-2
Description  Programmable output power level
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4355-2 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4355-2 Datasheet HTML 17Page - Analog Devices ADF4355-2 Datasheet HTML 18Page - Analog Devices ADF4355-2 Datasheet HTML 19Page - Analog Devices ADF4355-2 Datasheet HTML 20Page - Analog Devices ADF4355-2 Datasheet HTML 21Page - Analog Devices ADF4355-2 Datasheet HTML 22Page - Analog Devices ADF4355-2 Datasheet HTML 23Page - Analog Devices ADF4355-2 Datasheet HTML 24Page - Analog Devices ADF4355-2 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADF4355-2
Data Sheet
Rev. B | Page 20 of 37
F24
F23
..........
F2
F1
MAIN FRACTIONAL VALUE (FRAC1)
0
0
..........
0
0
0
0
0
..........
0
1
1
0
0
..........
1
0
2
0
0
..........
1
1
3
.
.
..........
.
.
.
.
.
..........
.
.
.
.
.
..........
.
.
.
1
1
..........
0
0
16777212
1
1
..........
0
1
16777213
1
1
..........
1
0
16777214
1
1
.........
1
1
16777215
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
0
F24
F23
F22
F21
RESERVED
24-BIT MAIN FRACTIONAL VALUE (FRAC1)
CONTROL
BITS
F20
F19
F18
F17
F16
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
C3(0) C2(0) C1(1)
C4(0)
0
0
0
DBR1
1DBR = DOUBLE BUFFERED REGISTER—BUFFERED BY THE WRITE TO REGISTER 0.
Figure 31. Register 1
REGISTER 1
Control Bits
With Bits[C4:C1] set to 0001, Register 1 is programmed. Figure 31
shows the input data format for programming this register.
Reserved
Bits[DB31:DB28] are reserved and must be set to 0.
24-Bit Main Fractional Value
The 24 FRAC1 bits (Bits[DB27:DB4]) set the numerator of the
fraction that is input to the sigma-delta (Σ-Δ) modulator. This
fraction, along with the INT value, specifies the new frequency
channel that the synthesizer locks to, as shown in the RF
Synthesizer—A Worked Example section. FRAC1 values from 0
to (MOD1 − 1) cover channels over a frequency range equal to
the PFD reference frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com