Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP7183
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP7183 Datasheet HTML 4Page - Analog Devices ADP7183 Datasheet HTML 5Page - Analog Devices ADP7183 Datasheet HTML 6Page - Analog Devices ADP7183 Datasheet HTML 7Page - Analog Devices ADP7183 Datasheet HTML 8Page - Analog Devices ADP7183 Datasheet HTML 9Page - Analog Devices ADP7183 Datasheet HTML 10Page - Analog Devices ADP7183 Datasheet HTML 11Page - Analog Devices ADP7183 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
ADP7183
Data Sheet
Rev. 0 | Page 8 of 19
JUNCTION TEMPERATURE (°C)
–5.0
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–40
–15
10
35
60
85
110
135
VIN = –2.0V
VIN = –2.5V
VIN = –3.0V
VIN = –3.5V
VIN = –4.0V
VIN = –4.5V
VIN = –5.0V
VIN = –5.5V
Figure 10. Shutdown Current vs. Junction Temperature at Various Input Voltages,
VOUT = −1.2 V
–2.555
–2.535
–2.515
–2.495
–2.475
–2.455
–2.435
JUNCTION TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 11. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −2.5 V
ILOAD (mA)
–1000
–100
–10
–2.555
–2.535
–2.515
–2.495
–2.475
–2.455
Figure 12. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −2.5 V
VIN (V)
–5.5
–5.0
–4.5
–4.0
–3.5
–3.0
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
–2.575
–2.555
–2.535
–2.515
–2.495
–2.475
–2.455
–2.435
Figure 13. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −2.5 V
ILOAD (mA)
–3.5
–4.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–300
–200
–100
–250
–150
–50
0
Figure 14. Ground Current vs. Load Current (ILOAD), VOUT = −2.5 V
VIN (V)
–3.5
–4.0
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–5.5
–4.5
–3.5
–5.0–4.0–3.0
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –200mA
ILOAD = –300mA
Figure 15. Ground Current vs. Input Voltage (VIN), VOUT = −2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com