Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP7183
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP7183 Datasheet HTML 11Page - Analog Devices ADP7183 Datasheet HTML 12Page - Analog Devices ADP7183 Datasheet HTML 13Page - Analog Devices ADP7183 Datasheet HTML 14Page - Analog Devices ADP7183 Datasheet HTML 15Page - Analog Devices ADP7183 Datasheet HTML 16Page - Analog Devices ADP7183 Datasheet HTML 17Page - Analog Devices ADP7183 Datasheet HTML 18Page - Analog Devices ADP7183 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 17 of 19
THERMAL CONSIDERATIONS
In applications with a low input-to-output voltage differential,
the ADP7183 does not dissipate much heat. However, in
applications with high ambient temperature and/or high input
voltage, the heat dissipated in the package may become large
enough to cause the junction temperature of the die to exceed
the maximum junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. The converter recovers only after the
junction temperature decreases below 135°C to prevent any
permanent damage. Therefore, thermal analysis for the chosen
application is important to guarantee reliable performance over
all conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 5.
To guarantee reliable operation, the junction temperature of the
ADP7183 must not exceed 125°C. To ensure that the junction
temperature stays below this maximum value, the user must be
aware of the parameters that contribute to junction temperature
changes. These parameters include ambient temperature, power
dissipation in the power device, and thermal resistances between
the junction and ambient air (θJA). The θJA number is dependent
on the package assembly compounds that are used, and the amount
of copper used to solder the package VIN pins to the PCB.
Table 7 shows the typical θJA values for the 8-lead LFCSP
package for various PCB copper sizes.
Table 7. Typical θJA Values for the 8-Lead LFCSP
Copper Size (mm2)
θJA (°C/W)
25
146.6
100
105.4
500
75.38
1000
65.16
6400
53.5
Calculate the junction temperatures of the ADP7183 by
TJ = TA + (PD × θJA)
(5)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = ((VIN − VOUT) × ILOAD) + (VIN × IGND)
(6)
where:
VIN and VOUT are the input and output voltages, respectively.
ILOAD is the load current.
IGND is the ground current.
Power dissipation due to ground current is quite small and can
be ignored. Therefore, the junction temperature equation
simplifies to
TJ = TA + (((VIN − VOUT) × ILOAD) × θJA)
(7)
As shown in Equation 7, for a given ambient temperature,
input-to-output voltage differential, and continuous load current,
a minimum copper size requirement exists for the PCB to ensure
that the junction temperature does not rise above 125°C.
Figure 50 to Figure 52 show the junction temperature calculations
for the different ambient temperatures, power dissipation, and
areas of the PCB copper.
140
0
20
40
60
100
80
120
01.6
TOTAL POWER DISSIPATION (W)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ MAX
6400mm2
1000mm2
500mm2
100mm2
25mm2
Figure 50. Junction Temperature vs. Total Power Dissipation, TA = 25°C
140
0
20
40
60
100
80
120
01.6
TOTAL POWER DISSIPATION (W)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ MAX
6400mm2
1000mm2
500mm2
100mm2
25mm2
Figure 51. Junction Temperature vs. Total Power Dissipation, TA = 50°C
140
0
20
40
60
100
80
120
1.6
TOTAL POWER DISSIPATION (W)
TJ MAX
6400mm2
1000mm2
500mm2
100mm2
25mm2
0.2
0
0.4
0.6
0.8
1.0
1.2
1.4
Figure 52. Junction Temperature vs. Total Power Dissipation, TA = 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com