Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP7183
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP7183 Datasheet HTML 7Page - Analog Devices ADP7183 Datasheet HTML 8Page - Analog Devices ADP7183 Datasheet HTML 9Page - Analog Devices ADP7183 Datasheet HTML 10Page - Analog Devices ADP7183 Datasheet HTML 11Page - Analog Devices ADP7183 Datasheet HTML 12Page - Analog Devices ADP7183 Datasheet HTML 13Page - Analog Devices ADP7183 Datasheet HTML 14Page - Analog Devices ADP7183 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 11 of 19
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –200mA
ILOAD = –300mA
Figure 28. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Loads, VOUT = −1.2 V, VIN = −2 V
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –200mA
ILOAD = –300mA
Figure 29. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Loads, VOUT = −2.5 V, VIN = −3 V
FREQUENCY (Hz)
1
10
100
1k
10k
100k
1M
10M
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
ILOAD = –10mA
ILOAD = –100mA
ILOAD = –200mA
ILOAD = –300mA
Figure 30. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Loads, VOUT = −3.3 V, VIN = −3.8 V
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
VIN = –2.0V
VIN = –2.1V
VIN = –2.2V
VIN = –2.3V
VIN = –2.4V
VIN = –2.5V
Figure 31. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Input Voltages, VOUT = −1.2 V, ILOAD = −300 mA
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
VIN = –3.0V
VIN = –3.1V
VIN = –3.2V
VIN = –3.3V
VIN = –3.4V
VIN = –3.5V
Figure 32. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Input Voltages, VOUT = −2.5 V, ILOAD = −300 mA
FREQUENCY (Hz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1
10
100
1k
10k
100k
1M
10M
VIN = –3.8V
VIN = –3.9V
VIN = –4.0V
VIN = –4.1V
VIN = –4.2V
VIN = –4.3V
Figure 33. Power Supply Rejection Ratio (PSRR) vs. Frequency at
Various Input Voltages, VOUT = −3.3 V, ILOAD = −300 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com