Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP7183
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183 Datasheet(HTML) 3 Page - Analog Devices

  ADP7183 Datasheet HTML 1Page - Analog Devices ADP7183 Datasheet HTML 2Page - Analog Devices ADP7183 Datasheet HTML 3Page - Analog Devices ADP7183 Datasheet HTML 4Page - Analog Devices ADP7183 Datasheet HTML 5Page - Analog Devices ADP7183 Datasheet HTML 6Page - Analog Devices ADP7183 Datasheet HTML 7Page - Analog Devices ADP7183 Datasheet HTML 8Page - Analog Devices ADP7183 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 3 of 19
SPECIFICATIONS
VIN = (VOUT − 0.5 V) or −2 V (whichever is greater), EN = VIN, IOUT = −10 mA, CIN = COUT = 4.7 µF, CAFB = 10 nF, CA = CREG = 1 µF, TA = 25°C for
typical specifications, TJ = −40°C to +125°C for minimum/maximum specifications, unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
−2.0
−5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 µA
−0.6
−0.90
mA
IOUT = −300 mA
−4.0
−7.0
mA
SHUTDOWN CURRENT
IGND-SD
EN = GND, VIN = −5.5 V
−2
−7
µA
OUTPUT NOISE1
OUTNOISE
10 Hz to 100 kHz, CAFB = 1 nF
7
µV rms
10 Hz to 100 kHz, CAFB = 10 nF
5
µV rms
100 Hz to 100 kHz, CAFB = 1 nF
6
µV rms
100 Hz to 100 kHz, CAFB = 10 nF
4
µV rms
NOISE SPECTRAL DENSITY1
OUTNSD
100 Hz, CAFB = 1 nF
300
nV/√Hz
100 Hz, CAFB = 10 nF
100
nV/√Hz
10 kHz to 1 MHz, CAFB = 1 nF to 1 µF
20
nV/√Hz
POWER SUPPLY REJECTION RATIO1
PSRR
IOUT = −300 mA, VOUT = −3.3 V, VIN = −3.8 V
At 1 kHz
85
dB
At 10 kHz
75
dB
At 100 kHz
62
dB
At 1 MHz
40
dB
OUTPUT VOLTAGE
VOUT
−0.5
−4.5
V
Output Voltage Accuracy
IOUT = −10 mA
−0.5
+0.5
%
−1 mA < IOUT < −300 mA,
VIN = (VOUT − 0.5 V) to −5.5 V
−2.6
+2.6
%
OUTPUT VOLTAGE REFERENCE FEEDBACK
VAFB
Adjustable model voltage reference
−0.487
−0.5
−0.513
V
VAFB Accuracy
Adjustable model, VIN = −2 V, IOUT = −10 mA
−2.6
+2.6
%
REGULATION
Line
ΔVOUT/∆VIN
VIN = (VOUT − 0.5 V) to −5.5 V
−0.1
+0.3
%/V
Load2
∆VOUT/∆IOUT
IOUT = −1 mA to −300 mA
0.8
2.6
%/A
INPUT BIAS CURRENT
SENSE
SENSEI-BIAS
−1 mA < IOUT < −300 mA,
VIN = (VOUT − 0.5 V) to −5.5 V
−10
nA
VAFB
VAFB-BIAS
−1 mA < IOUT < −300 mA,
VIN = (VOUT − 0.5 V) to −5.5 V
−10
nA
DROPOUT VOLTAGE3
VDROPOUT
IOUT = −100 mA
−40
−65
mV
IOUT = −300 mA
−130
−220
mV
PULL-DOWN RESISTANCE
VEN = 0 V
Output Voltage
VOUT-PULL
VOUT = −1 V
280
Ω
Regulated Input Supply Voltage
VREG-PULL
VREG = −1 V
1.3
kΩ
Low Noise Reference Voltage
VA-PULL
VA = −1 V
50
Ω
START-UP TIME4
tSTART-UP
VOUT = −4.5 V, CAFB = 1 nF, CA = 1 µF
15
ms
VOUT = −4.5 V, CAFB = 10 nF, CA = 1 µF
55
ms
VOUT = −1.2 V, CAFB = 1 nF, CA = 1 µF
4
ms
VOUT = −1.2 V, CAFB = 10 nF, CA = 1 µF
10
ms
VOUT = −0.5 V, no CAFB, CA = 1 µF
1.5
ms
CURRENT-LIMIT THRESHOLD5
ILIMIT
−400
−600
−800
mA
THERMAL SHUTDOWN
Threshold
TSSD
TJ rising
150
°C
Hysteresis
TSSD-HYS
15
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com