Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP7183 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP7183
Description  Supported by ADIsimPOWER voltage regulator design tool
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP7183 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP7183 Datasheet HTML 5Page - Analog Devices ADP7183 Datasheet HTML 6Page - Analog Devices ADP7183 Datasheet HTML 7Page - Analog Devices ADP7183 Datasheet HTML 8Page - Analog Devices ADP7183 Datasheet HTML 9Page - Analog Devices ADP7183 Datasheet HTML 10Page - Analog Devices ADP7183 Datasheet HTML 11Page - Analog Devices ADP7183 Datasheet HTML 12Page - Analog Devices ADP7183 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet
ADP7183
Rev. 0 | Page 9 of 19
ILOAD (mA)
–1000
–100
–10
–140
–120
–100
–80
–60
–40
–20
0
Figure 16. Dropout Voltage vs. Load Current (ILOAD), VOUT = −2.5 V
VIN (V)
–2.52
–2.50
–2.48
–2.46
–2.44
–2.42
–2.36
–2.38
–2.40
–3.1
–3.0
–2.9–2.8–2.7–2.6–2.5–2.4
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 17. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout at
Various Loads, VOUT = −2.5 V
JUNCTION TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
140
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
–3.359
–3.339
–3.319
–3.299
–3.279
–3.259
–3.239
Figure 18. Output Voltage (VOUT) vs. Junction Temperature (TJ), VOUT = −3.3 V
ILOAD (mA)
–1000
–100
–10
–3.369
–3.349
–3.329
–3.309
–3.289
–3.269
–3.249
Figure 19. Output Voltage (VOUT) vs. Load Current (ILOAD), VOUT = −3.3 V
VIN (V)
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
–3.38
–3.36
–3.34
–3.32
–3.30
–3.28
–3.26
–5.5
–5.3
–5.1
–4.9
–4.7
–4.5
–4.3
–4.1
–3.9
Figure 20. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = −3.3 V
JUNCTION TEMPERATURE (°C)
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
–15
–40
10
35
60
85
110
135
NO LOAD
ILOAD =–10mA
ILOAD = –100mA
ILOAD = –300mA
Figure 21. Ground Current vs. Junction Temperature (TJ), VOUT = −3.3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com