Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM75 Datasheet HTML 2Page - National Semiconductor (TI) LM75 Datasheet HTML 3Page - National Semiconductor (TI) LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) LM75 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Note 5: LM75
θJA (thermal resistance, junction-to-ambient) when attached to a printed circuit board with 2 oz. foil similar to the one shown in Figure 3 is summarized
in the table below:
Device Number
NS Package
Number
Thermal
Resistance (
θ
JA)
LM75BIM-3, LM75BIM-5, LM75CIM-3, LM75CIM-5
M08A
200˚C/W
LM75BIMM-3, LM75BIMM-5, LM75CIMM-3, LM75CIMM-5
MUA08A
250˚C/W
Note 6: All part numbers of the LM75 will operate properly over the +VS supply voltage range of 3V to 5.5V. The devices are tested and specified for rated accuracy
at their nominal supply voltage. Accuracy will typically degrade 1˚C/V of variation in +VS as it varies from the nominal value.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: This specification is provided only to indicate how often temperature data is updated. The LM75 can be read at any time without regard to conversion state
(and will yield last conversion result). If a conversion is in process it will be interrupted and restarted after the end of the read.
Note 9: For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an error of 0.64˚C at full
rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
Note 10: O.S. Delay is user programmable up to 6 “over limit” conversions before O.S. is set to minimize false tripping in noisy environments.
Note 11: Default values set at power up.
Note 12: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 13: Holding the SDA line low for a time greater than tTIMEOUT will cause the LM75B to reset SDA to the IDLE state of the serial bus communication (SDA set
High).
01265805
FIGURE 2. Temperature-to-Digital Transfer Function (Non-linear scale for clarity)
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com