Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM75 Datasheet HTML 3Page - National Semiconductor (TI) LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) LM75 Datasheet HTML 10Page - National Semiconductor (TI) LM75 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Typical Performance Characteristics
Static Quiescent Current vs
Temperature
Dynamic Quiescent Current vs
Temperature
Accuracy vs Temperature
01265816
01265817
01265818
1.0 Functional Description
The LM75 temperature sensor incorporates a band-gap type
temperature sensor and 9-bit ADC (Delta-Sigma Analog-to-
Digital Converter). The temperature data output of the LM75
is available at all times via the I
2C bus. If a conversion is in
progress, it will be stopped and restarted after the read. A
digital comparator is also incorporated that compares a se-
ries of readings, the number of which is user-selectable, to
user-programmable setpoint and hysteresis values. The
comparator trips the O.S. output line, which is programmable
for mode and polarity.
The LM75B contains all the functionality of the LM75C, plus
two additional features:
1.
The LM75B has an integrated low-pass filter on both the
SDA and the SCL line. These filters increase communi-
cations reliability in noisy environments.
2.
The LM75B also has a bus fault timeout feature. If the
SDA line is held low for longer than t
TIMEOUT (75 ms
minimum to 325 ms maximum) the LM75B will reset to
the IDLE state (SDA set to high impedance) and wait for
a new start condition.
1.1 O.S. OUTPUT, T
OS AND THYST LIMITS
In Comparator mode the O.S. Output behaves like a ther-
mostat. The output becomes active when temperature ex-
ceeds the T
OS limit, and leaves the active state when the
temperature drops below the T
HYST limit. In this mode the
O.S. output can be used to turn a cooling fan on, initiate an
emergency system shutdown, or reduce system clock
speed. Shutdown mode does not reset O.S. state in a com-
parator mode.
In Interrupt mode exceeding T
OS also makes O.S. active but
O.S. will remain active indefinitely until reset by reading any
register via the I
2C interface. Once O.S. has been activated
01265806
FIGURE 3. Printed Circuit Board Used for Thermal Resistance Specifications
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com