Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM75 Datasheet HTML 1Page - National Semiconductor (TI) LM75 Datasheet HTML 2Page - National Semiconductor (TI) LM75 Datasheet HTML 3Page - National Semiconductor (TI) LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Connection Diagram
SOP-8 and Mini SOP-8
01265802
Ordering Information
Order Number
Package
Marking
NS Package
Number
Supply
Voltage
Transport Media
Noise Filter
on SDA and
SCL
LM75BIM-3
LM75BIM-3
M08A (SOP-8)
3.3V
95 Units in Rail
Yes
LM75BIMX-3
LM75BIM-3
M08A (SOP-8)
3.3V
2500 Units on Tape and Reel
Yes
LM75BIMM-3
T01B
MUA08A (MSOP-8)
3.3V
1000 Units on Tape and Reel
Yes
LM75BIMMX-3
T01B
MUA08A (MSOP-8)
3.3V
3500 Units on Tape and Reel
Yes
LM75BIM-5
LM75BIM-5
M08A (SOP-8)
5V
95 Units in Rail
Yes
LM75BIMX-5
LM75BIM-5
M08A (SOP-8)
5V
2500 Units on Tape and Reel
Yes
LM75BIMM-5
T00B
MUA08A (MSOP-8)
5V
1000 Units on Tape and Reel
Yes
LM75BIMMX-5
T00B
MUA08A (MSOP-8)
5V
3500 Units on Tape and Reel
Yes
LM75CIM-3
LM75CIM-3
M08A (SOP-8)
3.3V
95 Units in Rail
Not Available
LM75CIMX-3
LM75CIM-3
M08A (SOP-8)
3.3V
2500 Units on Tape and Reel
Not Available
LM75CIMM-3
T01C
MUA08A (MSOP-8)
3.3V
1000 Units on Tape and Reel
Not Available
LM75CIMMX-3
T01C
MUA08A (MSOP-8)
3.3V
3500 Units on Tape and Reel
Not Available
LM75CIM-5
LM75CIM-5
M08A (SOP-8)
5V
95 Units in Rail
Not Available
LM75CIMX-5
LM75CIM-5
M08A (SOP-8)
5V
2500 Units on Tape and Reel
Not Available
LM75CIMM-5
T00C
MUA08A (MSOP-8)
5V
1000 Units on Tape and Reel
Not Available
LM75CIMMX-5
T00C
MUA08A (MSOP-8)
5V
3500 Units on Tape and Reel
Not Available
Pin Description
Label
Pin #
Function
Typical Connection
SDA
1
I
2C Serial Bi-Directional Data Line. Open Drain.
From Controller, tied to a pull-up
SCL
2
I
2C Clock Input
From Controller
O.S.
3
Overtemperature Shutdown Open Drain Output
Pull–up Resistor, Controller Interrupt Line
GND
4
Power Supply Ground
Ground
+V
S
8
Positive Supply Voltage Input
DC Voltage from 3V to 5.5V; 0.1µF bypass
capacitor with 10µF bulk capacitance in the
near vicinity
A0–A2
7,6,5
User-Set I
2C Address Inputs
Ground (Low, “0”) or +V
S (High, “1”)
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com