Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) LM75 Datasheet HTML 10Page - National Semiconductor (TI) LM75 Datasheet HTML 11Page - National Semiconductor (TI) LM75 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
1.0 Functional Description (Continued)
by crossing T
OS, then reset, it can be activated again only by
Temperature going below T
HYST. Again, it will remain active
indefinitely until being reset by a read. Placing the LM75 in
shutdown mode also resets the O.S. Output.
1.2 POWER UP AND POWER DOWN
The LM75 always powers up in a known state. The power up
default conditions are:
1.
Comparator mode
2.
T
OS = 80˚C
3.
T
HYST = 75˚C
4.
O.S. active low
5.
Pointer = “00”
If the LM75 is not connected to the I
2C bus on power up, it
will act as a stand-alone thermostat with the above tempera-
ture settings.
When the supply voltage is less than about 1.7V, the LM75 is
considered powered down. As the supply voltage rises
above the nominal 1.7V power up threshold, the internal
registers are reset to the power up default values listed
above.
1.3 I
2C BUS INTERFACE
The LM75 operates as a slave on the I
2C bus, so the SCL
line is an input (no clock is generated by the LM75) and the
SDA line is a bi-directional serial data path. According to I
2C
bus specifications, the LM75 has a 7-bit slave address. The
four most significant bits of the slave address are hard wired
inside the LM75 and are “1001”. The three least significant
bits of the address are assigned to pins A2–A0, and are set
by connecting these pins to ground for a low, (0); or to +V
S
for a high, (1).
Therefore, the complete slave address is:
1
0
0
1
A2
A1
A0
MSB
LSB
01265807
Note 14: These interrupt mode resets of O.S. occur only when LM75 is read or placed in shutdown. Otherwise, O.S. would remain active indefinitely for any event.
FIGURE 4. O.S. Output Temperature Response Diagram
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com