Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM75 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM75
Description  Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM75 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM75 Datasheet HTML 1Page - National Semiconductor (TI) LM75 Datasheet HTML 2Page - National Semiconductor (TI) LM75 Datasheet HTML 3Page - National Semiconductor (TI) LM75 Datasheet HTML 4Page - National Semiconductor (TI) LM75 Datasheet HTML 5Page - National Semiconductor (TI) LM75 Datasheet HTML 6Page - National Semiconductor (TI) LM75 Datasheet HTML 7Page - National Semiconductor (TI) LM75 Datasheet HTML 8Page - National Semiconductor (TI) LM75 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM75
Digital Temperature Sensor and Thermal Watchdog with
Two-Wire Interface
General Description
The LM75 is a temperature sensor, Delta-Sigma analog-to-
digital converter, and digital over-temperature detector with
I
2C® interface. The host can query the LM75 at any time to
read temperature. The open-drain Overtemperature Shut-
down (O.S.) output becomes active when the temperature
exceeds a programmable limit. This pin can operate in either
“Comparator” or “Interrupt” mode.
The host can program both the temperature alarm threshold
(T
OS) and the temperature at which the alarm condition goes
away (T
HYST). In addition, the host can read back the con-
tents of the LM75’s T
OS and THYST registers. Three pins (A0,
A1, A2) are available for address selection. The sensor
powers up in Comparator mode with default thresholds of
80˚C T
OS and 75˚C THYST.
The LM75’s 3.0V to 5.5V supply voltage range, low supply
current and I
2C interface make it ideal for a wide range of
applications. These include thermal management and pro-
tection applications in personal computers, electronic test
equipment, and office electronics.
Features
n
SOP-8 and Mini SOP-8 (MSOP) packages save space
n
I
2C Bus interface
n
Separate open-drain output pin operates as interrupt or
comparator/thermostat output
n
Register readback capability
n
Power up defaults permit stand-alone operation as
thermostat
n
Shutdown mode to minimize power consumption
n
Up to 8 LM75s can be connected to a single bus
n
UL Recognized Component
Key Specifications
j Supply Voltage
3.0V to 5.5V
j Supply Current
operating
250 µA (typ)
1 mA (max)
shutdown
4 µA (typ)
j Temperature Accuracy
−25˚C to 100˚C
±2˚C(max)
−55˚C to 125˚C
±3˚C(max)
Applications
n
System Thermal Management
n
Personal Computers
n
Office Electronics
n
Electronic Test Equipment
Simplified Block Diagram
01265801
I2C® is a registered trademark of Philips Corporation.
February 2004
© 2004 National Semiconductor Corporation
DS012658
www.national.com


Similar Part No. - LM75

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM75 ONSEMI-LM75 Datasheet
150Kb / 12P
2-Wire Serial Temperature Sensor and Monitor
February, 2000 ??Rev. 0
logo
National Semiconductor ...
LM75 NSC-LM75 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Maxim Integrated Produc...
LM75 MAXIM-LM75 Datasheet
270Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with 2-Wire Interface
Rev 0; 3/09
logo
Seoul Semiconductor
LM750Z SEOUL-LM750Z Datasheet
390Kb / 12P
GREEN OVAL LAMP LED
LM751 SEOUL-LM751 Datasheet
376Kb / 14P
INFRARED LAMP LED
More results

Similar Description - LM75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G751 ETC-G751 Datasheet
160Kb / 10P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G751-1P1 GMT-G751-1P1 Datasheet
268Kb / 11P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_05 Datasheet
257Kb / 12P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
National Semiconductor ...
LM75 NSC-LM75_05 Datasheet
734Kb / 18P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI1-LM75A Datasheet
1Mb / 21P
LM75A Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
LM75B TI1-LM75B_13 Datasheet
1Mb / 23P
LM75C Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Global Mixed-mode Techn...
G753 GMT-G753 Datasheet
33Kb / 1P
High Accuracy Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
G751 GMT-G751_15 Datasheet
63Kb / 1P
Digital Temperature Sensor and Thermal Watchdog with Two-Wire Interface
logo
Texas Instruments
LM75A TI-LM75A_15 Datasheet
1Mb / 28P
LM75A Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
LM75B TI-LM75B_15 Datasheet
1Mb / 31P
Digital Temperature Sensor and Thermal Watchdog With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com