Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA2200ARUZ Datasheet(PDF) 6 Page - Analog Devices

Part # ADA2200ARUZ
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA2200ARUZ Datasheet HTML 2Page - Analog Devices ADA2200ARUZ Datasheet HTML 3Page - Analog Devices ADA2200ARUZ Datasheet HTML 4Page - Analog Devices ADA2200ARUZ Datasheet HTML 5Page - Analog Devices ADA2200ARUZ Datasheet HTML 6Page - Analog Devices ADA2200ARUZ Datasheet HTML 7Page - Analog Devices ADA2200ARUZ Datasheet HTML 8Page - Analog Devices ADA2200ARUZ Datasheet HTML 9Page - Analog Devices ADA2200ARUZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Data Sheet
ADA2200
Figure 2. SPI Read Timing Diagram (SPI Master Read from the ADA2200)
Figure 3. SPI Write Timing Diagram (SPI Master Write to the ADA2200)
Table 3. EEPROM Master I2C Boot Timing
Parameter1
Symbol
Min
Typical
Max
Unit
BOOT
Load from BOOT Complete
9600
CLKIN cycles
RST to BOOT Setup Time
t2
2
CLKIN cycles
BOOT Pulse Width
t3
1
CLKIN cycles
RESET
Minimum RST Pulse Width
t1
25
ns
START CONDITION
BOOT Low Transition to Start Condition
t4
3
CLKIN cycles
1
CLKIN cycles with CLKIN DIV[2:0] set to 000.
SCLK
CS
SDO
(MISO)
MSB
DATA BITS
LSB
SDIO
(MOSI)
MSB IN
DATA BITS
LSB IN
tSL
tCS
tSH
tSFS
tSF
tSR
tDR
tDF
tDAV
tDSU
tDHD
SCLK
CS
SDIO
(MOSI)
MSB IN
DATA BITS
LSB IN
tSL
tCS
tSH
tSFS
tSF
tSR
tDSU
tDHD
Rev. 0 | Page 5 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com