Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA2200ARUZ Datasheet(PDF) 19 Page - Analog Devices

Part # ADA2200ARUZ
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA2200ARUZ Datasheet HTML 15Page - Analog Devices ADA2200ARUZ Datasheet HTML 16Page - Analog Devices ADA2200ARUZ Datasheet HTML 17Page - Analog Devices ADA2200ARUZ Datasheet HTML 18Page - Analog Devices ADA2200ARUZ Datasheet HTML 19Page - Analog Devices ADA2200ARUZ Datasheet HTML 20Page - Analog Devices ADA2200ARUZ Datasheet HTML 21Page - Analog Devices ADA2200ARUZ Datasheet HTML 22Page - Analog Devices ADA2200ARUZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ADA2200
Data Sheet
There are several ways of digitally processing the output samples to
optimize measurement accuracy, bandwidth, and throughput
rate. One method is to take the sum of eight samples to return a
value. A moving average filter lowers the noise floor of the
returned values. The length of the moving average filter is
determined by the noise floor and settling time requirements.
INTERFACING TO MICROCONTROLLERS
The diagram in Figure 28 shows basic circuit configuration
driven by a low power microcontroller (the ADuCM361). In
this case, the ADA2200 reduces the ADC sampling rate by a
factor of 8, and reduces the subsequent signal processing
required by the microcontroller.
Figure 28. Fully Programmable Configuration:
Interface to Low Power Microcontroller
EEPROM BOOT CONFIGURATION
The diagram in Figure 29 shows a standalone configuration
with an EEPROM boot for the ADA2200. The standard
oscillator circuit between CLKIN and XOUT generates the
clock signal. Holding BOOT low during a power-on reset
(POR) forces the ADA2200 to load its configuration from a
preprogrammed EEPROM. An EEPROM boot is also initiated
by bringing the BOOT pin low while the device in not in reset.
Figure 29. Standalone Configuration
POWER DISSIPATION
The ADA2200 current draw is composed of two main
components, the amplifier bias currents and the switched
capacitor currents. The amplifier currents are independent of
clock frequency; the switched capacitor currents scale in direct
proportion to fSI.
Figure 30 shows the ADA2200 measured typical current draw at
supply voltages of 2.7 V and 3.3 V, as the input clock varies from
1 kHz to 1 MHz, with CLKIN DIV[2:0] = 1. With a 3.3 V supply
voltage, the current draw can be estimated with the following
equation:
IDD = 290 × 0.2 × fCLKIN µA
where fCLKIN is specified in kHz.
Figure 30. Typical Current Draw vs. CLKIN Frequency at VDD = 2.7 V and 3.3 V
INP
OUTP
OUTN
CLKIN
SYNCO
RST
BOOT
CS/A0
SDIO/SDA
RCLK/SDO
SCLK/SCL
AIN0
AIN1
P1.2
P0.6/IRQ2
P1.1
P1.0
P1.7/CS0
P1.6/MOSI0
P1.4/MISO0
P1.5/SCLK0
P0.3/CS1
AVDD_REG
DVDD_REG
AGND
VREF–
IOVDD
AVDD
VREF+
P0.0/MISO1
P0.2/MOSI1
P0.1/SCLK1
VOCM
XOUT
GND
VDD
ADA2200
3.3V
INN
TO HOST,
MEMORY
OR
INTERFACE
0.47µF
×2
0.47µF
+VS
ADuCM361
NOTES
1. SOME PIN NAMES OF THE ADuCM361 HAVE BEEN SIMPLIFIED FOR CLARITY.
VDD
ADA2200
3.3V
SCL A0
SDA
SCLK/SCL
SDIO/SDA
CS/A0
A1
A2
EEPROM*
*AT24C02 OR EQUIVALENT
3.3V
RCLK/SDO
OUTN
OUTP
VOCM
INN
RST
BOOT
CLKIN
XOUT
INP
OUTPUT
EXCITATION
INPUT
GND
3.3V
500
250
275
300
325
350
375
400
425
450
475
0
1000
800
600
400
200
CLKIN FREQUENCY (kHz)
2.7V
3.3V
Rev. 0 | Page 18 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com