Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA2200ARUZ Datasheet(PDF) 18 Page - Analog Devices

Part # ADA2200ARUZ
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA2200ARUZ Datasheet HTML 14Page - Analog Devices ADA2200ARUZ Datasheet HTML 15Page - Analog Devices ADA2200ARUZ Datasheet HTML 16Page - Analog Devices ADA2200ARUZ Datasheet HTML 17Page - Analog Devices ADA2200ARUZ Datasheet HTML 18Page - Analog Devices ADA2200ARUZ Datasheet HTML 19Page - Analog Devices ADA2200ARUZ Datasheet HTML 20Page - Analog Devices ADA2200ARUZ Datasheet HTML 21Page - Analog Devices ADA2200ARUZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADA2200
The inverse sine or inverse cosine functions linearize the
relationship between the relative phase of the signal and the
measured angle. Because the inverse sine and inverse cosine are
only defined in two quadrants, the sign of I and Q must be
considered to map the result over the entire 360° range of
possible relative phase values. The use of the inverse tangent
function is not recommended because the phase measurements
become extremely sensitive to noise as the calculated phase
approaches ±90°.
ANALOG OUTPUT SYSTEMS
When the output signal of the ADA2200 is used in the analog
domain or if it is sampled asynchronously to the ADA2200 sample
clock, it is likely that a reconstruction filter is required.
Reconstruction Filters
The bandwidth of the analog reconstruction filter sets the
demodulation bandwidth of the analog output. There is a direct
trade-off between the noise and demodulation bandwidth.
Therefore, it is recommended to ensure that the reconstruction
filter cutoff frequency is as low as possible while minimizing the
attenuation of the demodulated signal of interest.
Similar to a digital-to-analog converter (DAC), the output of
the ADA2200 is a stepwise continuous output. This waveform
contains positive and negative images of the desired signal at
multiples of fSO. In most cases, the images are undesired noise
components that must be attenuated.
The lowest frequency image to appear in the output spectrum
appears at a frequency of fSO − fIN. The image amplitude is
reduced by the sin(x)/x roll-off. System accuracy requirements
may dictate that additional low-pass filtering is required to remove
the output sample images.
INTERFACING TO ADCS
Settling Time Considerations
If the ADC is coherently sampling the ADA2200 outputs,
design the output filter to ensure that the output samples settle
prior to ADC sampling. The output filter does not need to
remove the sampling images generated by the ADA2200. The
images are inherently rejected by the ADC sampling process.
Clock Synchronization
The SYNCO output can trigger the ADC sampling process
directly, or a microcontroller can use SYNCO to adjust the
ADC sampling time. Adjusting the SYNCO pulse timing can
maximize the available time for the ADA2200 outputs to settle
prior to ADC sampling.
Multichannel ADCs
In multichannel systems that require simultaneous sampling,
the ADA2200 can provide per channel programmable filtering
and simultaneous sampling.
Figure 26 shows an 8-channel system with a 1 MHz aggregate
throughput rate. The ADA2200 samples each channel at 1 MSPS
and produces filtered samples at an output sample rate of 125 kHz
each. The AD7091R-8 is an 8-channel, 1 MHz ADC with
multiplexed inputs, which cycle through the eight channels at
125 kHz, producing an aggregate output sample rate of 1 MHz.
Figure 26. ADA2200 in an 8-Channel Simultaneous Sampling Application
LOCK-IN AMPLIFIER APPLICATION
Figure 27 shows the ADA2200 in a lock-in amplifier
application. The 80 kHz master clock signal sets the input
sample rate of the decimation filter, fSI. The output sample rate
is 10 kHz. In the default configuration, the excitation signal
generated by RCLK is 1.25 kHz. This is also the center
frequency of the on-chip IIR filter.
In many cases, the RCLK signal is buffered to provide a square
wave excitation signal to the sensor. It may also be desirable to
provide further signal conditioning to provide a sine wave
excitation signal to the sensor.
A low noise instrumentation amplifier provides sufficient gain
to amplify the signal so that the noise floor of the signal into the
ADA2200 is above the combined noise floor of the ADA2200
and the ADC referred to the ADA2200 inputs.
Figure 27. Lock-In Amplifier Application
In default mode, the ADA2200 produces eight output samples
for every cycle of the excitation (RCLK) signal. There are four
unique output sample values. The fourth value appears on the
output for five consecutive output sample periods.
SIMULTANEOUS
SAMPLING AND
FILTERING
8 CHANNELS
SIMULTANEOUSLY
SAMPLED
AT 125kHz EACH
MICRO-
CONTROLLER
CH1
CH2
ADA2200
SYNCO
ADA2200
CH8
ADA2200
12-BIT
ADC
8:1
MUX
SEQUENCER
AD7091R-8
CS
CS
IRQ
CLK0
SCLK
SCLK
DOUT
MISO
DIN
MOSI
CLKIN
1MHz
SAMPLE
CLOCK
CLKIN
SYNCO
RCLK/SDO
INP
OUTP
INN
OUTN
VOCM
VDD
GND
ADA2200
SENSOR
EXCITATION
CONDITIONING
3.3V
DUT
OR
SENSOR
REF
AD8227
AD7170
MASTER
CLOCK
AD8613
Rev. 0 | Page 17 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com