Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA2200ARUZ Datasheet(PDF) 9 Page - Analog Devices

Part # ADA2200ARUZ
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA2200ARUZ Datasheet HTML 5Page - Analog Devices ADA2200ARUZ Datasheet HTML 6Page - Analog Devices ADA2200ARUZ Datasheet HTML 7Page - Analog Devices ADA2200ARUZ Datasheet HTML 8Page - Analog Devices ADA2200ARUZ Datasheet HTML 9Page - Analog Devices ADA2200ARUZ Datasheet HTML 10Page - Analog Devices ADA2200ARUZ Datasheet HTML 11Page - Analog Devices ADA2200ARUZ Datasheet HTML 12Page - Analog Devices ADA2200ARUZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
ADA2200
Data Sheet
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 7. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CLKIN
System Clock Input.
2
SYNCO
Synchronization Signal Output.
3
CS/A0
Serial Interface Chip Select Input/Boot EEPROM Address 0 Input.
4
BOOT
Boot from EEPROM Control Input.
5
GND
Power Supply Ground.
6
INP
Noninverting Signal Input.
7
INN
Inverting Signal Input.
8
VOCM
Common-Mode Voltage Output.
9
RST
Reset Control Input.
10
OUTN
Inverting Output.
11
OUTP
Noninverting Output.
12
VDD
Positive Supply Input.
13
RCLK/SDO
Reference Clock Output/Serial Interface Data Output (in 4-Wire SPI Mode).
14
SDIO/SDA
Bidirectional Serial Data (Input Only in 4-Wire SPI Mode)/I2C Bidirectional Data.
15
SCLK/SCL
Serial Interface Clock Input/I2C Clock Output.
16
XOUT
Crystal Driver Output. Place a crystal between this pin and CLKIN, or leave this pin disconnected.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SYNCO
CS/A0
BOOT
INN
INP
GND
CLKIN
SCLK/SCL
SDIO/SDA
RCLK/SDO
OUTN
VOCM
RST
OUTP
VDD
XOUT
ADA2200
TOP VIEW
(Not to Scale)
Rev. 0 | Page 8 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com