Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA2200ARUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADA2200ARUZ
Description  Demodulates signal input bandwidths to 30 kHz
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA2200ARUZ Datasheet(HTML) 1 Page - Analog Devices

  ADA2200ARUZ Datasheet HTML 1Page - Analog Devices ADA2200ARUZ Datasheet HTML 2Page - Analog Devices ADA2200ARUZ Datasheet HTML 3Page - Analog Devices ADA2200ARUZ Datasheet HTML 4Page - Analog Devices ADA2200ARUZ Datasheet HTML 5Page - Analog Devices ADA2200ARUZ Datasheet HTML 6Page - Analog Devices ADA2200ARUZ Datasheet HTML 7Page - Analog Devices ADA2200ARUZ Datasheet HTML 8Page - Analog Devices ADA2200ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Synchronous Demodulator
and Configurable Analog Filter
Data Sheet
ADA2200
FEATURES
Demodulates signal input bandwidths to 30 kHz
Programmable filter enables variable bandwidths
Filter tracks input carrier frequency
Programmable reference clock frequency
Flexible system interface
Single-ended/differential signal inputs and outputs
Rail-to-rail outputs directly drive analog-to-digital
converters (ADCs)
Phase detection sensitivity of 9.3m°θREL rms
Configurable with 3-wire and 4-wire serial port interface (SPI) or
seamless boot from I2C EEPROMs
Very low power operation
395 μA at fCLKIN = 500 kHz
Single supply: 2.7 V to 3.6 V
Specified temperature range: −40°C to +85°C
16-lead TSSOP package
APPLICATIONS
Synchronous demodulation
Sensor signal conditioning
Lock-in amplifiers
Phase detectors
Precision tunable filters
Signal recovery
Control systems
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADA2200 is a sampled analog technology1 synchronous
demodulator for signal conditioning in industrial, medical, and
communications applications. The ADA2200 is an analog input,
sampled analog output device. The signal processing is performed
entirely in the analog domain by charge sharing among capacitors,
which eliminates the effects of quantization noise and rounding
errors. The ADA2200 includes an analog domain, low-pass
decimation filter, a programmable infinite impulse response
(IIR) filter, and a mixer. This combination of features reduces
ADC sample rates and lowers the downstream digital signal
processing requirements.
The ADA2200 acts as a precision filter when the demodulation
function is disabled. The filter has a programmable bandwidth
and tunable center frequency. The filter characteristics are highly
stable over temperature, supply, and process variation.
Single-ended and differential signal interfaces are possible on both
input and output terminals, simplifying the connection to other
components of the signal chain. The low power consumption and
rail-to-rail operation is ideal for battery-powered and low
voltage systems.
The ADA2200 can be programmed over its SPI-compatible
serial port or can automatically boot from the EEPROM
through its I2C interface. On-chip clock generation produces a
mixing signal with a programmable frequency and phase. In
addition, the ADA2200 synchronization output signal eases
interfacing to other sampled systems, such as data converters
and multiplexers.
The ADA2200 is available in a 16-lead TSSOP package. Its
performance is specified over the industrial temperature range
of −40°C to +85°C. Note that throughout this data sheet,
multifunction pins, such as SCLK/SCL, are referred to either by
the entire pin name or by a single function of the pin, for
example, SCLK, when only that function is relevant.
1
Patent pending.
INP
INN
OUTP
OUTN
VOCM
SCLK/SCL
SDIO/SDA
CS/A0
RCLK/SDO
VDD
LPF
8
PROGRAM
FILTER
CLOCK
GEN
CONTROL
REGISTERS
SPI/I2C
MASTER
VCM
÷2n+1
÷2m
÷8
90°
fSO
fSI
fM
XOUT
CLKIN
SYNCO
GND
RST
BOOT
ADA2200
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADA2200ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA2200-EVALBRD AD-ADA2200-EVALBRD Datasheet
120Kb / 2P
There are two evaluation boards available for the ADA2200
Rev 11 Sep 2014 20:25
More results

Similar Description - ADA2200ARUZ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMM2030 ETC-CMM2030 Datasheet
566Kb / 4P
30 KHZ TO 30 GHZ GAAS MMIC OPTICAL MODULATOR DRIVER AMPLIFIER
logo
MICORO CRYSTAL SWITZERL...
MS1V-T1K MICROCRYSTAL-MS1V-T1K Datasheet
127Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
MS2V-T1S MICROCRYSTAL-MS2V-T1S Datasheet
116Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
MS3V-T1R MICROCRYSTAL-MS3V-T1R Datasheet
114Kb / 2P
Tuning Fork Crystal 30 kHz - 200 kHz
logo
RSG Electronic Componen...
CX4VSM RSG-CX4VSM Datasheet
501Kb / 2P
30 kHz to 200 kHz Ultra-Miniature Low Profile Surface Mount Quartz Crystal
logo
Keysight Technologies
N2809A KEYSIGHT-N2809A Datasheet
1Mb / 11P
Bandwidths up to 33 GHz
logo
STMicroelectronics
STA559BW STMICROELECTRONICS-STA559BW Datasheet
1Mb / 67P
Selectable 32- to 192-kHz input sample rates
13-Feb-2014
logo
MICORO CRYSTAL SWITZERL...
MS3V-T1R MICROCRYSTAL-MS3V-T1R_18 Datasheet
745Kb / 2P
Tuning Fork Crystal 30 kHz ??200 kHz
MS1V-T1K MICROCRYSTAL-MS1V-T1K_18 Datasheet
741Kb / 2P
Tuning Fork Crystal 30 kHz ??200 kHz
logo
Analog Devices
ADRF5045 AD-ADRF5045 Datasheet
372Kb / 14P
9 kHz to 30 GHz, Silicon, SP4T Switch
3/2020-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com