Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-2-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP5090ACPZ-2-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-2-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADP5090ACPZ-2-R7 Datasheet HTML 1Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 2Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 3Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ADP5090
Data Sheet
Rev. C | Page 4 of 21
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN, MPPT, CBP, MINOP
−0.3 V to +3.6 V
DIS_SW, TERM, SETPG, SETSD, PGOOD, REF to
AGND
−0.3 V to +6.0 V
SW, SYS, BAT, BACK_UP to PGND
−2.0 V to +6.0 V
PGND to GND
−0.3 V to +0.3 V
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
θJA is specified for the worst case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 3.
Package Type
θJA
θJC
Unit
16-Lead LFCSP
53.1
4.55
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com