Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-2-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADP5090ACPZ-2-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-2-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADP5090ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ADP5090
Data Sheet
Rev. C | Page 14 of 21
The equivalent resistor of the three external configuration
resistor dividers, RE, is equivalent to the paralleling value of the
three resistor dividers.
POWER GOOD (PGOOD)
The ADP5090 allows users to set a programmable PGOOD
voltage (VPGOOD) threshold, which indicates the SYS voltage is at
an acceptable level. It must be set using external resistors. Figure 30
shows the VPGOOD falling threshold voltage given by Equation 5.


+
=
2
1
_
1
PG
PG
REF
PGOOD
SYS
R
R
V
V
(5)
The ADP5090 has an internal resistor to program the hysteresis,
RSYS_PG_HYS = 103.5 kΩ (typical), given by Equation 6.
E
HYS
PG
SYS
PGOOD
SYS
HYS
PGOOD
SYS
R
R
V
V
_
_
_
_
_
×
=
(6)
where VSYS_PGOOD_HYS is the PGOOD hysteresis voltage.
The equivalent resistor of the three external configuration
resistor dividers, RE, is recommended to be comprised of the
same three resistor dividers for easy resistor selection. Considering
the quiescent current consumption, the sum of the resistors that
comprise the power good resistor divider (RSYS_PG_HYS, RPG1, and
RPG2) must be more than 6 MΩ, that is,
RSYS_PG_HYS + RPG1 + RPG2 ≥ 6 MΩ
(7)
The logic high level on PGOOD is equal to the SYS voltage and
the logic low level is ground. The logic high level has approximately
11.8 kΩ (typical) internally in series to limit the available current.
The VPGOOD threshold must be greater than or equal to the VBAT_SD
threshold.
For the best operation of the system, set up PGOOD to drive an
external PFET between SYS and the system load via an inverter
in order to determine when the load can be connected or removed
to optimize the storage element capacity (see Figure 36). It is
necessary to complete the cold start-up if the system load
cannot be disabled.
Table 5 shows programming threshold resistor examples
corresponding to various voltages with a 10 MΩ resistor divider.
Figure 31 shows states of various threshold voltages.
Figure 31. States of Various Threshold Voltages
Table 5. Programming Threshold Resistors
Voltage Threshold (V)
RSD1 and RPG1 (MΩ)
RSD2 and RPG2 (MΩ)
RTERM1 (MΩ)
RTERM2 (MΩ)
2
3.92
6.04
Not applicable
Not applicable
2.1
4.22
5.76
Not applicable
Not applicable
2.2
4.53
5.49
1.74
8.25
2.3
4.75
5.23
2.1
7.87
2.4
4.99
5
2.43
7.5
2.5
5.11
4.87
2.74
7.32
2.6
5.36
4.64
3.01
6.98
2.7
5.49
4.53
3.3
6.65
2.8
5.62
4.32
3.48
6.49
2.9
5.76
4.22
3.74
6.2
3
5.9
4.02
3.92
6.04
3.1
6.04
3.9
4.12
5.9
3.2
6.2
3.74
4.32
5.62
3.3
6.34
3.65
4.53
5.49
3.4
6.49
3.57
4.64
5.36
3.5
6.49
3.48
4.87
5.23
3.6
6.65
3.4
4.99
5
3.7
6.8
3.3
5.1
4.87
3.8
6.81
3.2
5.23
4.75
3.9
6.98
3.09
5.36
4.64
0V
COLD-STARTUP
MAIN BOOST
CHARGER ON
ENABLE CHIP
VSYS_TH
VSYS_TH
TURN ON MAIN BOOST IN
ASYNCHRONOUS MODE
VBAT_SD
VBAT_SD_HYS
MAIN BOOST IN
SYNCHRONOUS MODE
TURN ON SWITCH BETWEEN
BSTO AND BAT
VBAT_PG
VBAT_PG_HYS
PGOOD BECOMES HIGH
VBAT_TERM_HYS
VBAT_TERM
MAIN BOOST
CHARGER OFF
MAXIMUM DEVICE
RATING VOLTAGE
TURN OFF MAIN BOOST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com