Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP5090ACPZ-2-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP5090ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
ADP5090
Data Sheet
Rev. C | Page 16 of 21
APPLICATIONS INFORMATION
The ADP5090 extracts the energy from the VIN pin to charge
the SYS and BAT pins. This occurs in three stages: cold start,
asynchronous boost, and synchronous boost. This section
describes the procedures for selecting the external components
to maintain the energy transmission system with the layout and
assembly consideration.
ENERGY HARVESTER SELECTION
The energy harvester input source must provide a minimum level
of power for cold start, asynchronous boost, and synchronous
boost. The minimum input power required to complete cold
start can be estimated using the following equation:
VIN × IIN × ηCOLD > VSYS_TH × (ISTR_LEAK + ISYS_LOAD)
where:
VIN is clamped to VIN_COLD = 380 mV (typical), which indicates
cold start real input power.
IIN is the input current.
ηCOLD is the cold start efficiency, which is about 5% to 7%.
VSYS_TH is the current with the bias voltage, and an estimation of
worst case.
ISTR_LEAK is the storage element leakage current at the BAT pin.
ISYS_LOAD is the system load current of the SYS pin. Minimizing
the system load accelerates the cold start. Programming the
PGOOD threshold to enable the system load current is
recommended.
After the ADP5090 completes the cold start, the MPPT
function enables. To meet the average system load current, the
input source must provide the boost regulator with enough
power to charge the storage element fully while the system is in
low power or sleep mode. The power required by the system
can be estimated using the following equation:
VIN × IIN × ηBOOST > VBAT_TERM × (ISTR_LEAK + ISYS_LOAD)
where:
VIN is regulated to the CBP pin voltage (MPPT ratio × OCV).
IIN is the input current.
ηBOOST is the boost regulator efficiency. See the efficiency figures
in the Typical Performance Characteristics section for more
information.
VBAT_TERM is the current with the bias voltage, and an estimation
of worst case.
ISTR_LEAK is the storage element leakage current at the BAT pin.
ISYS_LOAD is the average system load current of the SYS pin.
ENERGY STORAGE ELEMENT SELECTION
In order to protect the storage element from overcharging or
overdischarging, the storage element must be connected to the
BAT pin and the system load tied to the SYS pin. The ADP5090
supports many types of storage elements, such as rechargeable
batteries, super capacitors, and conventional capacitors. A
storage element with a 100 μF equivalent capacitance is required to
filter the pulse currents of the PFM switching converter. The
storage element capacity must provide the entire system load
when the input source is no longer generating power.
If there is high pulse current or the storage element has significant
impedance, it may be necessary to increase the SYS capacitor
from the 4.7 μF minimum, or add additional capacitance to the
BAT pin in order to prevent a droop in the SYS voltage. Note
that increasing the SYS capacitor causes the boost regulator to
operate in the less efficient cold start stage for a longer period at
startup. If the application cannot accept the longer cold start
time, place the additional capacitor parallel to the storage element.
See the Capacitor Selection section for more information.
INDUCTOR SELECTION
The boost regulator needs an appropriate inductor for proper
operation. The inductor saturation current must be at least 30%
higher than the expected peak inductor currents, as well as a
low series resistance (DCR) to maintain high efficiency. The
boost regulator internal control circuitry is designed to optimize
the efficiency and control the switching behavior with a nominal
inductance of 22 μH ± 20%. Table 7 lists some recommended
inductors.
Table 7. Recommended Inductors
Vendor
Device No.
L
(µH)
ISAT
(A)
IRMS
(A)
DCR
(mΩ)
Würth
Elektronik
74437324220
22
2
1
470
744042220
22
0.6
0.88
255
Coilcraft
LPS4018-223M
22
0.8
0.65
360
CAPACITOR SELECTION
Low leakage capacitors are required for ultralow power
applications that are sensitive to the leakage current. Any
leakage from the capacitors reduces efficiency, increases the
quiescent current, and degrades the MPPT effectiveness.
Input Capacitor
A capacitor CIN connected to the VIN pin and the PGND pin
stores energy from the input source. For the energy harvester,
the source impedance is dominated by capacitive behavior.
Scale the input capacitor according to the value of the output
capacitance of the energy harvester; a minimum of 4.7 μF is
recommended.
For the primary battery as an input source application, a larger
capacitance helps to reduce the input voltage ripple and keep
the source current stable in order to extend the battery life.
SYS Capacitor
The ADP5090 requires two capacitors to be connected between
the SYS pin and the PGND pin. Connect a low ESR ceramic
capacitor of at least 4.7 μF parallel to a high frequency bypass
capacitor of 0.1 μF. Connect the bypass capacitor as close as
possible between SYS and PGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com