Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-2-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP5090ACPZ-2-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-2-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP5090ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 13Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 14Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 15Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 16Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 17Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 18Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 19Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
Data Sheet
ADP5090
Rev. C | Page 15 of 21
Voltage Threshold (V)
RSD1 and RPG1 (MΩ)
RSD2 and RPG2 (MΩ)
RTERM1 (MΩ)
RTERM2 (MΩ)
4
6.98
3.01
5.49
4.53
4.1
6.98
2.94
5.6
4.42
4.2
7.15
2.87
5.62
4.32
4.3
7.15
2.8
5.76
4.22
4.4
7.32
2.74
5.9
4.12
4.5
7.32
2.7
5.9
4.02
4.6
7.32
2.61
6.04
3.92
4.7
7.5
2.55
6.19
3.83
4.8
7.5
2.5
6.2
3.74
4.9
7.5
2.49
6.34
3.74
5
7.5
2.43
6.34
3.65
5.1
7.68
2.37
6.49
3.57
5.2
7.68
2.32
6.49
3.48
Table 6. Power Path Working State
Power Path
Power Condition
Main Boost
BAT Switch
SYS Switch
BACK_UP_M1
BACK_UP_M2
Without
Backup Battery
VSYS > VSYS_TH, VBAT_SD > VBAT
Asynchronous
Off
Off
Off
Off
VBAT_TERM > VBAT = VSYS > VBAT_SD
Synchronous
On
On
Off
Off
VSYS > VSYS_TH, VBAT > VBAT_TERM
Disabled
On
On
Off
Off
With Backup
Battery
VSYS > VSYS_TH, VBACK_UP > VBAT > VBAT_SD
Synchronous
On
Off
On
On
VSYS > VSYS_TH, VBACK_UP > VBAT_SD > VBAT
Asynchronous
Off
Off
On
On
1.5 V < VSYS < VSYS_TH, VSYS < VBACK_UP
Disabled
Off
Off
On
On
VSYS < 1.5 V
Disabled
Off
Off
Off
Off
POWER PATH WORKING FLOW
Figure 32 shows the power switches structure when the backup
primary battery is implemented. When the BACK_UP voltage
is higher than the BAT voltage, the SYS switch prevents the
BACK_UP primary battery from charging the BAT pin.
Meanwhile, the BAT offset avoids input source charging
BACK_UP primary battery. Table 6 shows the power path
working state.
Figure 32. Power Switches Structure
CURRENT-LIMIT AND SHORT-CIRCUIT PROTECTION
The boost regulator in the ADP5090 includes current-limit
protection circuitry to limit the amount of positive current
flowing through the low-side boost switch. It is a cycle-by-cycle,
three level peak current-limit protection with a third level of
100 mA (typical).
Although there is no current limit at the SYS and BAT pins, it is
recommended to limit the system load current to lower than
800 mA. The total resistance of the SYS switch and the BAT
switch (1.03 Ω, typical), generates a voltage drop when the
system load sinks a large current from BAT. It is necessary to
consider the internal resistance of the storage elements
connected to the BAT pin.
The BACK_UP power path current limit of 400 mA (typical)
protects the primary battery sinking large current. When the
current from the BACK_UP pin is higher than the current limit,
the BACK_UP switches turn off.
THERMAL SHUTDOWN
In the event that the ADP5090 junction temperature rises above
125°C, the thermal shutdown (TSD) circuit turns off the switch
between the BAT pin and the SYS pin to prevent the damage of
energy storage at a high ambient temperature. The boost operation
is also terminated. A 15°C hysteresis is included, allowing the
ADP5090 to return to operation when the on-chip temperature
drops below 110°C. When coming out of TSD, the boost regulator
and the energy storage controller resume the functions.
BAT
+
–
+
–
BSTO
BACK_UP
BACK_UP_M1
D1
BACK_UP_M2
SYS_SWITCH
BAT_SWITCH
HS
LS
SW
SYS
GATE
DRIVER
GATE
DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com