Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5090ACPZ-2-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP5090ACPZ-2-R7
Description  Ultralow Power Boost Regulator with
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5090ACPZ-2-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP5090ACPZ-2-R7 Datasheet HTML 4Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 5Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 6Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 7Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 8Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 9Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 10Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 11Page - Analog Devices ADP5090ACPZ-2-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Data Sheet
ADP5090
Rev. C | Page 7 of 21
Figure 9. Efficiency vs. Input Current, VIN = 2 V
Figure 10. ADP5090ACPZ-2-R7 Efficiency vs. Input Current, VIN = 1 V
Figure 11. Quiescent Current vs. SYS Voltage (VMPPT ≥ VMINOP)
Figure 12. ADP5090ACPZ-2-R7 Efficiency vs. Input Current, VIN = 0.5 V
Figure 13. ADP5090ACPZ-2-R7 Efficiency vs. Input Current, VIN = 2 V
Figure 14. Quiescent Current vs. SYS Voltage (VMPPT < VMINOP)
60
65
70
75
80
85
90
95
100
0.01
0.1
1
10
100
INPUT CURRENT (mA)
SYS = 3V
SYS = 5V
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
INPUT CURRENT (mA)
VIN = 1V, SYS = 3V
VIN = 1V, SYS = 5V
500
450
400
350
300
250
200
150
100
2.0
2.4
2.8
3.2
3.6
SYS VOLTAGE (V)
4.0
4.4
4.8
5.2
–40°C
+25°C
+85°C
+125°C
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
INPUT CURRENT (mA)
VIN = 0.5V, SYS = 3V
VIN = 0.5V, SYS = 5V
60
100
95
90
85
80
75
70
65
0.01
0.1
1
10
100
INPUT CURRENT (mA)
VIN = 2V, SYS = 3V
VIN = 2V, SYS = 5V
400
350
300
250
200
150
100
2.0
2.4
2.8
3.2
3.6
SYS VOLTAGE (V)
4.0
4.4
4.8
5.2
–40°C
+25°C
+85°C
+125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com