Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADM7172ACPZ-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM7172ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADM7172
VIN (V)
6.6
6.2
5.8
5.4
5.0
4.6
4.2
3.8
3.4
2.95
3.05
3.04
3.03
3.02
3.01
3.00
2.99
2.98
2.97
2.96
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 16. Output Voltage (VOUT) vs. Input Voltage (VIN), VOUT = 3 V
JUNCTION TEMPERATURE (°C)
125
85
25
–5
–40
0
7
6
5
4
3
2
1
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 17. Ground Current vs. Junction Temperature, VOUT = 3 V
ILOAD (mA)
10000
100
1000
10
1
0.1
0
1
2
3
4
5
6
7
Figure 18. Ground Current vs. Load Current (ILOAD), VOUT = 3 V
VIN (V)
6.6
6.2
5.8
5.4
5.0
4.6
4.2
3.8
3.4
0
7
6
5
4
3
2
1
ILOAD = 100µA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 19. Ground Current vs. Input Voltage (VIN), VOUT = 3 V
ILOAD (mA)
10000
1000
100
10
1
0
180
160
140
120
100
80
60
40
20
Figure 20. Dropout Voltage vs. Load Current (ILOAD), VOUT = 3 V
VIN (V)
3.4
3.2
3.3
3.1
3.0
2.9
2.8
2.7
2.50
3.05
3.00
2.95
2.90
2.85
2.80
2.75
2.70
2.65
2.60
2.55
ILOAD = 5mA
ILOAD = 10mA
ILOAD = 100mA
ILOAD = 500mA
ILOAD = 1000mA
ILOAD = 2000mA
Figure 21. Output Voltage (VOUT) vs. Input Voltage (VIN) in Dropout, VOUT = 3 V
Rev. C | Page 9 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com