Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM7172ACPZ-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM7172ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Data Sheet
ADM7172
Rev. C | Page 17 of 23
APPLICATIONS INFORMATION
ADISIMPOWER DESIGN TOOL
The ADM7172 is supported by the ADIsimPower design tool
set. ADIsimPower is a collection of tools that produce complete
power designs optimized for a specific design goal. The tools
enable the user to generate a full schematic, bill of materials,
and calculate performance in minutes. ADIsimPower can
optimize designs for cost, area, efficiency, and device count,
taking into consideration the operating conditions and limitations
of the IC and all real external components. For more information
about, and to obtain ADIsimPower design tools, visit
www.analog.com/ADIsimPower.
CAPACITOR SELECTION
Multilayer ceramic capacitors (MLCC) combine small size, low
effective series resistance (ESR), low ESL, and wide operating
temperature range, making them an ideal choice for bypass
capacitors. They are not without limitations, however. Depending
on the dielectric material, the capacitance can vary dramatically
with temperature, dc bias, and ac signal level. Therefore, selecting
the proper capacitor results in the best circuit performance.
Output Capacitor
The ADM7172 is designed for operation with small, space-
saving ceramic capacitors but functions with most commonly
used capacitors as long as care is taken with regard to the ESR
value. The ESR of the output capacitor affects the stability of the
LDO control loop. A minimum of 4.7 μF capacitance with an
ESR of 0.05 Ω or less is recommended to ensure the stability of the
ADM7172. Transient response to changes in load current is also
affected by output capacitance. Using a larger value of output
capacitance improves the transient response of the ADM7172 to
large changes in load current. Figure 58 shows the transient
responses for an output capacitance value of 4.7 μF.
CH1 500mV BW CH2 2.0mV
B
W M1.0µs
A CH1
950mA
T 12.4%
T
1
2
Figure 58. Output Transient Response, VOUT = 5 V, COUT = 4.7 μF
Input Bypass Capacitor
Connecting a 4.7 μF capacitor from VIN to GND reduces the
circuit sensitivity to PCB layout, especially when long input
traces or a high source impedance is encountered. If greater
than 4.7 μF of output capacitance is required, increase the input
capacitor to match it.
Input and Output Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADM7172 if they meet the minimum capacitance and maximum
ESR requirements. Ceramic capacitors are manufactured with a
variety of dielectrics, each with different behavior over temperature
and applied voltage. Capacitors require a dielectric adequate to
ensure the minimum capacitance over the necessary temperature
range and dc bias conditions. X5R or X7R dielectrics with a
voltage rating of 6.3 V to 100 V are recommended. Y5V and
Z5U dielectrics are not recommended, due to their poor
temperature and dc bias characteristics.
Figure 59 depicts the capacitance vs. dc bias voltage of a 0805,
4.7 μF, 16 V, X5R capacitor. The voltage stability of a capacitor is
strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or higher voltage rating
exhibits better stability. The temperature variation of the X5R
dielectric is ~±15% over the −40°C to +85°C temperature range
and is not a function of package or voltage rating.
DC BIAS VOLTAGE (V)
20
18
16
14
12
10
8
6
4
2
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Figure 59. Capacitance vs. DC Bias Voltage
Use Equation 1 to determine the worst-case capacitance accounting
for capacitor variation over temperature, component tolerance,
and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com