Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM7172ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADM7172ACPZ-R7
Description  Input voltage range
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7172ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADM7172ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADM7172ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADM7172
An external capacitor connected to the SS pin determines the
soft start time. The SS pin can be left open for a typical 380 μs
start-up time. Do not ground this pin. When an external soft
start capacitor is used, the soft start time is determined by the
following equation:
SSTIME (sec) = tSTART-UP @ 0 pF + (0.6 × CSS)/Iss
where:
tSTART-UP (0 nF) is the start-up time at CSS = 0 nF (typically 380 μs).
CSS is the soft start capacitor (F).
Iss is the soft start current (typically 1 μA).
TIME (ms)
10
9
8
7
6
5
4
3
2
1
0
0
0.5
1.0
2.0
3.0
3.5
1.5
2.5
VEN
NO CSS
1nF
4.7nF
10nF
Figure 63. Typical Soft Start Behavior, Different CSS Values
NOISE REDUCTION OF THE ADM7172 IN
ADJUSTABLE MODE
The ultralow output noise of the ADM7172 is achieved by
keeping the LDO error amplifier in unity gain and setting the
reference voltage equal to the output voltage. This architecture does
not work for an adjustable output voltage LDO in the conventional
sense. However, the ADM7172 architecture allows any fixed
output voltage to be set to a higher voltage with an external voltage
divider. For example, the adjustable (1.2 V in unity gain) output
ADM7172 can be set to a 6 V output according to the following
equation:
VOUT = 1.2 V (1 + R1/R2)
The disadvantage of using the ADM7172 in this manner is that
the output voltage noise is proportional to the output voltage.
Therefore, it is best to choose a fixed output voltage that is close
to the target voltage to minimize the increase in output noise.
The adjustable LDO circuit can be modified to reduce the output
voltage noise to levels close to that of the fixed output ADM7172.
The circuit shown in Figure 64 adds two additional components
to the output voltage setting resistor divider. CNR and RNR are
added in parallel with RFB1 to reduce the ac gain of the error
amplifier. RNR is chosen to be small with respect to RFB2. If RNR is
1% to 10% of the value of RFB2, the minimum ac gain of the
error amplifier is approximately 0.1 dB to 0.8 dB. The actual
gain is determined by the parallel combination of RNR and RFB1.
This ensures that the error amplifier always operates at slightly
greater than unity gain.
CNR is chosen by setting the reactance of CNR equal to RFB1 − RNR
at a frequency between 0.5 Hz and 10 Hz. This sets the frequency
where the ac gain of the error amplifier is 3 dB less than its dc gain.
VOUT
SENSE
VIN
ADM7172
GND
VIN
VOUT
SS
CSS
1nF
CIN
4.7µF
COUT
4.7µF
CNR
1µF
EN
OFF
ON
VIN = 6.5V
VOUT = 6.0V
RFB1
200kΩ
RFB2
50kΩ
RNR
5kΩ
Figure 64. Noise Reduction Modification
Assuming the noise of a fixed output LDO is approximately
5 μV, identify the noise of the adjustable LDO by using the
following formula:
Noise = 5 μV × (RPAR + RFB2)/RFB2
where RPAR is the parallel combination of RFB1 and RNR.
Based on the component values shown in Figure 64, the
ADM7172 has the following characteristics:
•
DC gain of 5 (14 dB)
•
3 dB roll-off frequency of 0.8 Hz
•
High frequency ac gain of 1.09 (0.75 dB)
•
Noise reduction factor of 4.42 (12.91 dB)
•
RMS noise of the adjustable LDO without noise reduction
of 25 µV rms
•
RMS noise of the adjustable LDO with noise reduction
(assuming 5 µV rms for fixed voltage option) of 5.5 µV rms
EFFECT OF NOISE REDUCTION ON START-UP TIME
The start-up time of the ADM7172 is affected by the noise
reduction network and must be considered in applications
where power supply sequencing is critical.
The noise reduction circuit adds a pole in the feedback loop,
slowing down the start-up time. The start-up time for an
adjustable model with a noise reduction network can be
approximated using the following equation:
SSNRTIME (sec) = 5.5 × CNR × (RNR + RFB1)
For a CNR, RNR, and RFB1 combination of 1 µF, 5 kΩ, and 200 kΩ
as shown in Figure 62, the start-up time is approximately 1.1 sec.
When SSNRTIME is greater than SSTIME, SSNRTIME dictates the
length of the start-up time instead of the soft start capacitor.
Rev. C | Page 19 of 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com